Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4543B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4543B
Description  BCD to 7-segment latch/decoder/driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4543B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4543B_09 Datasheet HTML 4Page - NXP Semiconductors HEF4543B_09 Datasheet HTML 5Page - NXP Semiconductors HEF4543B_09 Datasheet HTML 6Page - NXP Semiconductors HEF4543B_09 Datasheet HTML 7Page - NXP Semiconductors HEF4543B_09 Datasheet HTML 8Page - NXP Semiconductors HEF4543B_09 Datasheet HTML 9Page - NXP Semiconductors HEF4543B_09 Datasheet HTML 10Page - NXP Semiconductors HEF4543B_09 Datasheet HTML 11Page - NXP Semiconductors HEF4543B_09 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HEF4543B_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 27 October 2009
8 of 16
NXP Semiconductors
HEF4543B
BCD to 7-segment latch/decoder/driver
[1]
The typical values of the propagation delay and transition times are calculated from the extrapolation formulas shown (CL in pF).
12. Waveforms
th
hold time
Dn to LE;
see Figure 6
5 V
0
−15
-
ns
10 V
15
0
-
ns
15 V
20
5
-
ns
tW
pulse width
pin LE HIGH;
minimum width;
see Figure 6
5 V
60
30
-
ns
10 V
30
15
-
ns
15 V
20
10
-
ns
Table 7.
Dynamic characteristics …continued
VSS = 0 V; Tamb = 25 °C; For test circuit see Figure 7;unless otherwise specified.
Symbol
Parameter
Conditions
VDD
Extrapolation formula[1]
Min
Typ
Max
Unit
Table 8.
Dynamic power dissipation PD
PD can be calculated from the formulas shown. VSS = 0 V; tr = tf ≤ 20 ns; Tamb = 25 °C.
Symbol
Parameter
VDD
Typical formula for PD (µW)
where:
PD
dynamic power
dissipation
5 V
PD = 2200 × fi + Σ(fo × CL) × VDD2
fi = input frequency in MHz,
fo = output frequency in MHz,
CL = output load capacitance in pF,
VDD = supply voltage in V,
Σ(CL × fo) = sum of the outputs.
10 V
PD = 10400 × fi + Σ(fo × CL) × VDD2
15 V
PD = 33000 × fi + Σ(fo × CL) × VDD2
Conditions: D3 = LOW and D0 = D1 =HIGH.
Fig 5.
Propagation delays and output transitions times
001aaj496
VI
VI
VM
tPHL
tPLH
tPHL
tPHL
tPHL
tTLH
tTHL
tPLH
tPLH
tPLH
VM
VM
VM
VM
VSS
VI
VSS
VOH
VOL
VSS
VI
VSS
LT
BL
Qg
LE
90 %
10 %
D2


Similar Part No. - HEF4543B_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4543BD PHILIPS-HEF4543BD Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
HEF4543BF PHILIPS-HEF4543BF Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
HEF4543BN PHILIPS-HEF4543BN Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
HEF4543BP PHILIPS-HEF4543BP Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
HEF4543BT PHILIPS-HEF4543BT Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
More results

Similar Description - HEF4543B_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com