Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG4002EB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG4002EB
Description  0.2 A very low VF MEGA Schottky barrier rectifier in SOD523 package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4002EB Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG4002EB Datasheet HTML 1Page - NXP Semiconductors PMEG4002EB Datasheet HTML 2Page - NXP Semiconductors PMEG4002EB Datasheet HTML 3Page - NXP Semiconductors PMEG4002EB Datasheet HTML 4Page - NXP Semiconductors PMEG4002EB Datasheet HTML 5Page - NXP Semiconductors PMEG4002EB Datasheet HTML 6Page - NXP Semiconductors PMEG4002EB Datasheet HTML 7Page - NXP Semiconductors PMEG4002EB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PMEG4002EB_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 January 2010
2 of 8
NXP Semiconductors
PMEG4002EB
0.2 A very low VF MEGA Schottky barrier rectifier in SOD523 package
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
sym001
12
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMEG4002EB
SC-79
plastic surface mounted package; 2 leads
SOD523
Table 4.
Marking codes
Type number
Marking code
PMEG4002EB
L9
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
40
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward current
tp ≤ 1s; δ≤ 0.5
-
300
mA
IFSM
non-repetitive peak forward
current
tp = 8.3 ms half
sine wave; JEDEC
method
-1
A
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C


Similar Part No. - PMEG4002EB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4002EB NEXPERIA-PMEG4002EB Datasheet
202Kb / 7P
   200 mA very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG4002EB-Q NEXPERIA-PMEG4002EB-Q Datasheet
173Kb / 8P
   200 mA very low VF MEGA Schottky barrier rectifier
30 September 2021
More results

Similar Description - PMEG4002EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002TV PHILIPS-PMEG3002TV_15 Datasheet
112Kb / 10P
   0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package
Rev. 02-15 January 2010
PMEG3002TV PHILIPS-PMEG3002TV Datasheet
57Kb / 10P
   0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package
Rev. 01-21 October 2005
logo
Nexperia B.V. All right...
PMEG6002EB NEXPERIA-PMEG6002EB Datasheet
645Kb / 10P
   0.2 A very low VF MEGA Schottky barrier rectifiers
Rev. 01 - 24 November 2006
logo
NXP Semiconductors
PMEG6002EB NXP-PMEG6002EB Datasheet
74Kb / 10P
   0.2 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-24 November 2006
logo
Nexperia B.V. All right...
PMEG6002EB-Q NEXPERIA-PMEG6002EB-Q Datasheet
184Kb / 8P
   60 V, 0.2 A very low VF MEGA Schottky barrier rectifier
26 April 2022
logo
NXP Semiconductors
PMEG2010AEB NXP-PMEG2010AEB Datasheet
114Kb / 8P
   20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2010AEB PHILIPS-PMEG2010AEB Datasheet
57Kb / 8P
   20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2010AEB PHILIPS-PMEG2010AEB_15 Datasheet
114Kb / 8P
   20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG3002AEL NXP-PMEG3002AEL Datasheet
101Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010
PMEG3002AEL PHILIPS-PMEG3002AEL_15 Datasheet
101Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com