Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC54-74HC251 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC54-74HC251
Description  8-Input Data Selector/Multiplexer with 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54-74HC251 Datasheet(HTML) 1 Page - Motorola, Inc

  MC54-74HC251 Datasheet HTML 1Page - Motorola, Inc MC54-74HC251 Datasheet HTML 2Page - Motorola, Inc MC54-74HC251 Datasheet HTML 3Page - Motorola, Inc MC54-74HC251 Datasheet HTML 4Page - Motorola, Inc MC54-74HC251 Datasheet HTML 5Page - Motorola, Inc MC54-74HC251 Datasheet HTML 6Page - Motorola, Inc MC54-74HC251 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 6
© Motorola, Inc. 1995
10/95
8-Input Data Selector/
Multiplexer with
3-State Outputs
High–Performance Silicon–Gate CMOS
The MC54/74HC251 is identical in pinout to the LS251. The device inputs
are compatible with standard CMOS outputs; with pullup resistors, they are
compatible with LSTTL outputs.
This device selects one of the eight binary Data Inputs, as determined by
the Address Inputs. The Output Enable pin must be a low level for the
selected data to appear at the outputs. If Output Enable is high, both the Y
and the Y outputs are in the high–impedance state. This 3–state feature
allows the HC251 to be used in bus–oriented systems.
The HC251 is similar in function to the HC151 which does not have
3–state outputs.
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 134 FETs or 33.5 Equivalent Gates
LOGIC DIAGRAM
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
OUTPUT ENABLE
Y
Y
DATA
OUTPUTS
DATA
INPUTS
ADDRESS
INPUTS
5
6
4
3
2
1
15
14
13
12
11
10
9
7
PIN 16 = VCC
PIN 8 = GND
MC54/74HC251
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Output
A2
A1
A0
Enable
Y
Y
X
X
X
H
Z
Z
L
L
L
L
D0
D0
L
L
H
L
D1
D1
L
H
L
L
D2
D2
L
H
H
L
D3
D3
H
L
L
L
D4
D4
H
L
H
L
D5
D5
H
H
L
L
D6
D6
H
H
H
L
D7
D7
Z = high impedance
D0, D1,
…, D7 = the level of the respective
D input.
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
D7
D6
D5
D4
VCC
A2
A1
A0
D0
D1
D2
D3
GND
OUTPUT
ENABLE
Y
Y
D SUFFIX
SOIC PACKAGE
CASE 751B–05
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
ORDERING INFORMATION
MC54HCXXXJ
MC74HCXXXN
MC74HCXXXD
Ceramic
Plastic
SOIC
1
16
1
16
J SUFFIX
CERAMIC PACKAGE
CASE 620–10
1
16


Similar Part No. - MC54-74HC251

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
More results

Similar Description - MC54-74HC251

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT251 INTEGRAL-IN74ACT251 Datasheet
192Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
System Logic Semiconduc...
SL74HC251 SLS-SL74HC251 Datasheet
52Kb / 5P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74HC251A INTEGRAL-IN74HC251A Datasheet
148Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
System Logic Semiconduc...
SL74HC257 SLS-SL74HC257 Datasheet
47Kb / 5P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74ACT258 INTEGRAL-IN74ACT258 Datasheet
176Kb / 5P
   QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74ACT257 INTEGRAL-IN74ACT257 Datasheet
176Kb / 5P
   QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC54-74HC354 MOTOROLA-MC54-74HC354 Datasheet
206Kb / 9P
   8-Input Data Selector/Multiplexer With Data and Address Latches and 3-State Outputs
logo
KODENSHI_AUK CORP.
KK74AC251 KODENSHI-KK74AC251 Datasheet
648Kb / 6P
   8-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74ACT251 KODENSHI-KK74ACT251 Datasheet
293Kb / 6P
   8-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC251 INTEGRAL-IN74AC251 Datasheet
158Kb / 5P
   8-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com