Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA416Y-600C Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BTA416Y-600C
Description  16 A three-quadrant triacs insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA416Y-600C Datasheet(HTML) 3 Page - NXP Semiconductors

  BTA416Y-600C Datasheet HTML 1Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 2Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 3Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 4Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 5Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 6Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 7Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 8Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BTA416Y_SER_B_C_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 11 March 2008
3 of 12
NXP Semiconductors
BTA416Y series B and C
16 A 3-quadrant triacs insulated, high commutation, high temperature
[1]
Although not recommended, off-state voltages up to 800 V may be applied without damage, but the triac may switch to the on-state. The
rate of rise of current should not exceed 15 A/
µs.
PG(AV)
average gate power
over any 20 ms period
-
1
W
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
150
°C
Table 3.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
α = conduction angle
Fig 1.
Total power dissipation as a function of RMS on-state current; maximum values
f = 50 Hz
Fig 2.
Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values
003aab816
0
4
8
12
16
20
02
46
8
10
12
14
16
18
IT(RMS) (A)
Ptot
(W)
α= 180°
120
°
90
°
60
°
30
°
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α
003aab817
0
30
60
90
120
150
180
1
10
10
2
10
3
n (number of cycles)
ITSM
(A)
ITSM
t
IT
Tj(init) = 25 °C max
1/f


Similar Part No. - BTA416Y-600C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA416Y-600C NXP-BTA416Y-600C Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
logo
Inchange Semiconductor ...
BTA416Y-600C ISC-BTA416Y-600C Datasheet
221Kb / 1P
   isc Thyristors
logo
SiPower Inc.
BTA416Y-600C SIPOWER-BTA416Y-600C Datasheet
1,003Kb / 6P
   16A Triacs
logo
WeEn Semiconductors
BTA416Y-600C WEEN-BTA416Y-600C Datasheet
237Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA416Y-600C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316X NXP-BTA316X Datasheet
98Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com