Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA416Y-800C Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BTA416Y-800C
Description  16 A three-quadrant triacs insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA416Y-800C Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BTA416Y-800C Datasheet HTML 3Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 4Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 5Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 6Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 7Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 8Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 9Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 10Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BTA416Y_SER_B_C_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 11 March 2008
7 of 12
NXP Semiconductors
BTA416Y series B and C
16 A 3-quadrant triacs insulated, high commutation, high temperature
8.
Dynamic characteristics
Table 7.
Dynamic characteristics
Symbol Parameter
Conditions
BTA416Y-600B
BTA416Y-800B
BTA416Y-600C
BTA416Y-800C
Unit
Min
Typ
Max
Min
Typ
Max
dVD/dt
rate of rise of
off-state
voltage
VDM = 0.67 × VDRM(max); Tj = 125 °C;
exponential waveform; gate open circuit
1000
-
-
500
-
-
V/
µs
VDM = 0.67 × VDRM(max); Tj = 150 °C;
exponential waveform; gate open circuit
600
-
-
300
-
-
V/
µs
dIcom/dt
rate of change
of
commutating
current
VDM = 400 V; Tj = 125 °C; IT(RMS) =16A;
without snubber; gate open circuit
15
-
-
10
-
-
A/ms
VDM = 400 V; Tj = 150 °C; IT(RMS) =16A;
without snubber; gate open circuit
6
-
-
4
-
-
A/ms
tgt
gate-controlle
d turn-on time
ITM = 20 A; VD =VDRM(max); IG = 0.1 A;
dIG/dt = 5 A/µs
-2
--2
-
µs
(1) T2
− G−
(2) T2+ G
(3) T2+ G+
Fig 7.
Normalized gate trigger voltage as a function
of junction temperature
Fig 8.
Normalized gate trigger current as a function
of junction temperature
Tj (°C)
−50
150
100
50
0
001aag168
0.8
1.2
1.6
VGT
0.4
VGT(25°C)
Tj (°C)
−50
150
100
050
001aag165
1
2
3
0
(1)
(2)
(3)
IGT
IGT(25°C)


Similar Part No. - BTA416Y-800C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA416Y-800C NXP-BTA416Y-800C Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
logo
SiPower Inc.
BTA416Y-800C SIPOWER-BTA416Y-800C Datasheet
1,003Kb / 6P
   16A Triacs
logo
WeEn Semiconductors
BTA416Y-800C WEEN-BTA416Y-800C Datasheet
237Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA416Y-800C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316X NXP-BTA316X Datasheet
98Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com