Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA204S-800B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BTA204S-800B
Description  Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA204S-800B Datasheet(HTML) 4 Page - NXP Semiconductors

  BTA204S-800B Datasheet HTML 1Page - NXP Semiconductors BTA204S-800B Datasheet HTML 2Page - NXP Semiconductors BTA204S-800B Datasheet HTML 3Page - NXP Semiconductors BTA204S-800B Datasheet HTML 4Page - NXP Semiconductors BTA204S-800B Datasheet HTML 5Page - NXP Semiconductors BTA204S-800B Datasheet HTML 6Page - NXP Semiconductors BTA204S-800B Datasheet HTML 7Page - NXP Semiconductors BTA204S-800B Datasheet HTML 8Page - NXP Semiconductors BTA204S-800B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
9397 750 14862
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 24 May 2005
4 of 13
Philips Semiconductors
BTA204S series B and C
Three-quadrant triacs high communication
tp ≤ 20 ms
(1) dlT/dt limit
(2) T2
− G+ quadrant
Fig 3.
Non-repetitive peak on-state current as a function of pulse width; maximum values
f = 50 Hz; Tmb ≤ 107 °C
Fig 4.
RMS on-state current as a function of surge
duration; maximum values
Fig 5.
RMS on-state current as a function of mounting
base temperature
001aac330
t (s)
10−5
10−1
10−2
10−4
10−3
102
103
ITSM
(A)
10
(1)
(2)
ITSM
t
IT
Tj(init) = 25 °C max
T
001aac333
4
8
12
IT(RMS)
(A)
0
surge duration (s)
10−2
10
1
10−1
Tmb (°C)
−50
150
100
050
001aac662
2
3
1
4
5
IT(RMS)
(A)
0
107
°C


Similar Part No. - BTA204S-800B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA204S-800B PHILIPS-BTA204S-800B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
logo
WeEn Semiconductors
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA204S-800B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com