Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD30 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PEMD30
Description  NPN/PNP double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD30 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PEMD30 Datasheet HTML 2Page - NXP Semiconductors PEMD30 Datasheet HTML 3Page - NXP Semiconductors PEMD30 Datasheet HTML 4Page - NXP Semiconductors PEMD30 Datasheet HTML 5Page - NXP Semiconductors PEMD30 Datasheet HTML 6Page - NXP Semiconductors PEMD30 Datasheet HTML 7Page - NXP Semiconductors PEMD30 Datasheet HTML 8Page - NXP Semiconductors PEMD30 Datasheet HTML 9Page - NXP Semiconductors PEMD30 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PEMD30_PUMD30_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2006
6 of 11
Philips Semiconductors
PEMD30; PUMD30
NPN/PNP double resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = open
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 5.
Package outline SOT363 (SC-88)
Fig 6.
Package outline SOT666
04-11-08
Dimensions in mm
0.25
0.10
0.3
0.2
pin 1
index
1.3
0.65
2.2
2.0
1.35
1.15
2.2
1.8
1.1
0.8
0.45
0.15
13
2
4
65
Dimensions in mm
04-11-08
1.7
1.5
1.7
1.5
1.3
1.1
1
0.18
0.08
0.27
0.17
0.5
pin 1 index
12
3
4
5
6
0.6
0.5
0.3
0.1
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
4000
8000
10000
PEMD30
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
PUMD30
SOT363
4 mm pitch, 8 mm tape and reel; T1 [2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2 [3] -125
-
-
-165


Similar Part No. - PEMD30

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD30 NEXPERIA-PEMD30 Datasheet
223Kb / 11P
   50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 2.2 kΩ, R2 = open
18 January 2023
PEMD30 NEXPERIA-PEMD30 Datasheet
83Kb / 11P
   NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006
PEMD30 NEXPERIA-PEMD30_V01 Datasheet
83Kb / 11P
   NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006
More results

Similar Description - PEMD30

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD30 NEXPERIA-PEMD30_V01 Datasheet
83Kb / 11P
   NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006
logo
NXP Semiconductors
PEMB30_PUMB30 PHILIPS-PEMB30_PUMB30_15 Datasheet
76Kb / 10P
   PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-2 September 2009
PEMB30 NXP-PEMB30 Datasheet
76Kb / 10P
   PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-2 September 2009
logo
Nexperia B.V. All right...
PEMB30 NEXPERIA-PEMB30 Datasheet
191Kb / 11P
   PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 2 September 2009
logo
NXP Semiconductors
PEMH30 NXP-PEMH30_06 Datasheet
79Kb / 10P
   NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006
PEMH30_PUMH30 PHILIPS-PEMH30_PUMH30_15 Datasheet
79Kb / 10P
   NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006
logo
Nexperia B.V. All right...
PDTA123T_SER NEXPERIA-PDTA123T_SER Datasheet
198Kb / 11P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
logo
NXP Semiconductors
PDTA123T NXP-PDTA123T Datasheet
83Kb / 10P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-3 September 2009
logo
Nexperia B.V. All right...
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
logo
NXP Semiconductors
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com