Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT236X-800G Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BT236X-800G
Description  6 A Four-quadrant triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT236X-800G Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BT236X-800G Datasheet HTML 4Page - NXP Semiconductors BT236X-800G Datasheet HTML 5Page - NXP Semiconductors BT236X-800G Datasheet HTML 6Page - NXP Semiconductors BT236X-800G Datasheet HTML 7Page - NXP Semiconductors BT236X-800G Datasheet HTML 8Page - NXP Semiconductors BT236X-800G Datasheet HTML 9Page - NXP Semiconductors BT236X-800G Datasheet HTML 10Page - NXP Semiconductors BT236X-800G Datasheet HTML 11Page - NXP Semiconductors BT236X-800G Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BT236X_SER_F_G_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 14 March 2006
8 of 12
Philips Semiconductors
BT236X series F and G
6 A Four-quadrant triacs
Vo = 1.26 V
Rs = 0.0378 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj =25 °C; maximum values
Fig 9.
On-state current as a function of on-state
voltage
Fig 10. Normalized latching current as a function of
junction temperature
The triac should commutate when the dV/dt is below
the value on the appropriate curve for
pre-commutation dIT/dt.
(1) Off-state dV/dt limit for BT236X-600G_800G
(2) Off-state dV/dt limit for BT236X-600_800
(3) Off-state dV/dt limit for BT236X-600F
Fig 11. Normalized holding current as a function of
junction temperature
Fig 12. Typical commutation dV/dt as a function of
junction temperature
003aab311
0
5
10
15
20
25
0123
VT (V)
IT
(A)
(1)
(2)
(3)
Tj (°C)
−50
150
100
050
001aab100
1
2
3
0
IL
IL(25°C)
Tj (°C)
−50
150
100
050
001aab099
1
2
3
0
IH
IH(25°C)
001aae043
Tj (°C)
0
150
100
50
102
10
103
dV/dt
(V/
µs)
1
(2)
(1)
(3)
7.9
dlcom/dt
(A/ms) = 10
6.1 4.7 3.6
2.8


Similar Part No. - BT236X-800G

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BT236X-800G WEEN-BT236X-800G Datasheet
479Kb / 13P
   4Q Triac
More results

Similar Description - BT236X-800G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138 NXP-BT138 Datasheet
89Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 02-12 March 2008
BT138X NXP-BT138X Datasheet
93Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 03-10 March 2008
BT138Y NXP-BT138Y Datasheet
89Kb / 12P
   12 A four-quadrant triacs, sensitive gate, insulated
Rev. 01-3 June 2008
BTA216C PHILIPS-BTA216C Datasheet
21Kb / 4P
   Three quadrant triacs Three quadrant triacs
October 1997 Rev 1.000
logo
HAOPIN MICROELECTRONICS...
BTA20-600BW HAOPIN-BTA20-600BW Datasheet
317Kb / 5P
   Three quadrant triacs
BTA24-600BW HAOPIN-BTA24-600BW Datasheet
308Kb / 5P
   Three quadrant triacs
BTB24-600BW HAOPIN-BTB24-600BW Datasheet
308Kb / 5P
   Three quadrant triacs
BTA12-600CW HAOPIN-BTA12-600CW Datasheet
491Kb / 5P
   Three quadrant triacs
BTA12-600SW HAOPIN-BTA12-600SW Datasheet
491Kb / 5P
   Three quadrant triacs
BTA16-600BW HAOPIN-BTA16-600BW Datasheet
442Kb / 5P
   Three quadrant triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com