Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMD16 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PUMD16
Description  NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMD16 Datasheet(HTML) 3 Page - NXP Semiconductors

  PUMD16_05 Datasheet HTML 1Page - NXP Semiconductors PUMD16_05 Datasheet HTML 2Page - NXP Semiconductors PUMD16_05 Datasheet HTML 3Page - NXP Semiconductors PUMD16_05 Datasheet HTML 4Page - NXP Semiconductors PUMD16_05 Datasheet HTML 5Page - NXP Semiconductors PUMD16_05 Datasheet HTML 6Page - NXP Semiconductors PUMD16_05 Datasheet HTML 7Page - NXP Semiconductors PUMD16_05 Datasheet HTML 8Page - NXP Semiconductors PUMD16_05 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
9397 750 15178
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 7 June 2005
3 of 10
Philips Semiconductors
PEMD16; PUMD16
NPN/PNP resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
VI
input voltage TR1
positive
-
+40
V
negative
-
−7V
VI
input voltage TR2
positive
-
+7
V
negative
-
−40
V
IO
output current
-
100
mA
ICM
peak collector current
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -
200
mW
SOT666
[1] [2] -
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -
300
mW
SOT666
[1] [2] -
300
mW


Similar Part No. - PUMD16_05

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUMD16-Q NEXPERIA-PUMD16-Q Datasheet
238Kb / 11P
   50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 47 kΩ
8 March 2023
More results

Similar Description - PUMD16_05

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
   NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
PDTA124X NXP-PDTA124X Datasheet
90Kb / 12P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
logo
Nexperia B.V. All right...
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
logo
NXP Semiconductors
PEMB17 NXP-PEMB17 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03-1 September 2009
logo
Nexperia B.V. All right...
PEMB16 NEXPERIA-PEMB16 Datasheet
339Kb / 10P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
logo
NXP Semiconductors
PEMB16_PUMB16 PHILIPS-PEMB16_PUMB16_15 Datasheet
238Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMB16 NXP-PEMB16 Datasheet
238Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
logo
Nexperia B.V. All right...
PEMB17 NEXPERIA-PEMB17 Datasheet
186Kb / 12P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03 - 1 September 2009
logo
NXP Semiconductors
PUMD2 NXP-PUMD2 Datasheet
98Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 22 kW
Rev. 07-24 September 2008
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com