Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3143 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS3143
Description  Single/Dual/Triple/Quad DS3/E3 Framers
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3143 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS3143 Datasheet HTML 6Page - Maxim Integrated Products DS3143 Datasheet HTML 7Page - Maxim Integrated Products DS3143 Datasheet HTML 8Page - Maxim Integrated Products DS3143 Datasheet HTML 9Page - Maxim Integrated Products DS3143 Datasheet HTML 10Page - Maxim Integrated Products DS3143 Datasheet HTML 11Page - Maxim Integrated Products DS3143 Datasheet HTML 12Page - Maxim Integrated Products DS3143 Datasheet HTML 13Page - Maxim Integrated Products DS3143 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
10 of 88
5.3 Transmit Formatter System Interface Pins
NAME
TYPE
FUNCTION
TICLK
I
Transmit Input Clock. TICLK samples the TDAT, TDEN/TGCLK, TSOF, TOH, and TOHEN input pins.
TICLK accepts a smooth clock or a gapped clock up to 52MHz. When the framer is connected to an LIU
without a jitter attenuator, TICLK should be an ungapped, transmission-quality DS3 or E3 clock (
±20ppm,
low jitter) to meet the frequency accuracy and jitter requirements for transmission. The default active
sampling edge of TICLK is the rising edge. To make the negative edge the active sampling edge, set
MC3:TICLKI = 1.
TDAT
I
Transmit Data Input. In C-Bit Parity DS3 mode, payload bits are clocked into the transmit formatter on
TDAT. In M23 DS3 mode and E3 mode, payload bits, stuff opportunity bits and C bits are clocked in on
TDAT. TDAT is sampled on the active sampling edge of TICLK. The default active sampling edge of
TICLK is the rising edge. To make the negative edge the active sampling edge, set MC3:TICLKI = 1.
TDAT can be internally inverted by setting MC3:TDATI = 1.
TDEN/
TGCLK
O
Transmit Data Enable/Transmit Gapped Clock. The transmit formatter can be configured to either output a
data enable (TDEN) or a gapped clock (TGCLK). In data enable mode, TDEN goes active when payload
data should be made available on the TDAT input pin and inactive when the formatter is inserting framing
overhead. In gapped clock mode, TGCLK acts as a demand clock for the TDAT input, toggling for each
payload bit position and not toggling when the formatter is inserting framing overhead. In DS3 mode,
overhead data is defined as the M bits, F bits, C bits, X bits, and P bits. In E3 mode, overhead data is
defined as the FAS word, RAI bit, and Sn bit (bits 1 to 12). To configure the transmit formatter for data
enable mode, set MC3:TDENMS = 0. To configure for gapped clock operation, set MC3:TDENMS = 1.
TDEN is normally active high; to make TDEN active low, set MC3:TDENI = 1. TGCLK normally is the
same polarity as TICLK; to invert TGCLK, set MC3:TDENI = 1. In the transmit pass-through mode
(T3E3CR1:TPT = 1), TDEN/TGCLK continues to mark the payload positions in the original frame
established before TPT was activated. This pin can also be made to output a constant transmit clock by
setting MC2:TCCLK = 1. This constant clock is useful for certain applications that need to use the TOH
and TOHEN pins during payload loopback.
TSOF
O/I
Transmit Start-of-Frame. TSOF indicates the DS3 or E3 frame boundary on the outgoing transmit data
stream. When TSOFC = 1 in the MC3 register, TSOF is an output and pulses high for one TICLK cycle
during the last bit of each DS3 or E3 frame. When TSOFC = 0, TSOF is an input and is sampled to set the
transmit DS3 or E3 frame boundary. See Figure 5-1 for functional timing. Note that the reset default is for
TSOF to be an input. Some applications require an external pullup or pulldown resistor on TSOF to keep it
from floating during power-up and reset. TSOF is normally active high. Set MC3:TSOFI = 1 to make TSOF
active low. If transmit pass-through (TPT) mode is enabled (T3E3CR1:TPT = 1) and TSOF is an output,
TSOF continues to mark the original frame position that was established before TPT activation.
TOHEN
I
Transmit Overhead Enable. Together the TOHEN and TOH pins make a simple, general-purpose
transmit-overwrite port. This port is usually used to overwrite overhead bit positions (such as unused C
bits in C-Bit Parity mode), but payload bits can be overwritten as well. During any clock cycle in which
TOHEN is active, the formatter sources the TOH pin rather than the TDAT pin or the internal overhead
generation logic. In DS3 mode, parity is not recalculated if any payload bits are overwritten. TOHEN can
be internally inverted by setting MC3:TOHENI = 1.
TOH
I
Transmit Overhead Data. Together the TOHEN and TOH pins make a simple, general-purpose transmit-
overwrite port. This port is usually used to overwrite overhead bit positions (such as unused C bits in C-Bit
Parity mode), but payload bits can be overwritten as well. During any clock cycle in which TOHEN is
active, the formatter sources the TOH pin rather than the TDAT pin or the internal overhead generation
logic. TOH can be inverted by setting MC3:TOHI = 1.
TMEI
I
Transmit Manual-Error Insert. This pin is used to manually control the insertion of errors in the DS3 or E3
frame structure or the line coding. This pin is enabled when MEIMS = 1 in the T3E3EIC register. A single
error is normally inserted on the rising edge of TMEI. The other bits in the T3E3EIC register control which
types of errors are inserted. All framers on the device share this pin.


Similar Part No. - DS3143

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3143 DALLAS-DS3143 Datasheet
1Mb / 88P
   Single/Dual/Triple/Quad DS3/E3 Framers
DS3143N DALLAS-DS3143N Datasheet
1Mb / 88P
   Single/Dual/Triple/Quad DS3/E3 Framers
More results

Similar Description - DS3143

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3142 DALLAS-DS3142 Datasheet
1Mb / 88P
   Single/Dual/Triple/Quad DS3/E3 Framers
DS3171 DALLAS-DS3171 Datasheet
2Mb / 232P
   Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
logo
Maxim Integrated Produc...
DS3251 MAXIM-DS3251 Datasheet
909Kb / 71P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030106
DS3151 MAXIM-DS3151_07 Datasheet
694Kb / 61P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030607
logo
Dallas Semiconductor
DS3254 DALLAS-DS3254 Datasheet
925Kb / 71P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
DS3152 DALLAS-DS3152 Datasheet
788Kb / 60P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
logo
Maxim Integrated Produc...
DS3146 MAXIM-DS3146 Datasheet
937Kb / 89P
   6-/8-/12-Channel DS3/E3 Framers
REV: 071103
logo
M/A-COM Technology Solu...
28333-DSH-001-A MA-COM-28333-DSH-001-A Datasheet
710Kb / 65P
   Single/Dual/Triple E3/DS3/STS-1
logo
List of Unclassifed Man...
CX28342 ETC1-CX28342 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
logo
Maxim Integrated Produc...
DS3161 MAXIM-DS3161 Datasheet
3Mb / 384P
   Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
REV: 113006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com