Electronic Components Datasheet Search |
|
DS3154N Datasheet(PDF) 8 Page - Maxim Integrated Products |
|
DS3154N Datasheet(HTML) 8 Page - Maxim Integrated Products |
8 / 61 page DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs 8 of 61 3. HARDWARE MODE AND CPU BUS MODE The DS315x can operate in either hardware mode or CPU bus mode. In hardware mode, pulling configuration input pins high or low does all configuration, and all status information is reported on status output pins. Internal registers are not accessible in hardware mode. The device is configured for hardware mode when the HW pin is wired high (HW = 1). In CPU bus mode, most of the configuration and status pins used in hardware mode are reassigned to be address, data, and control lines that provide a glueless interface to an 8-bit microprocessor bus. Through the CPU bus, an external processor can access a set of internal registers. Setting configuration register bits high or low can do configuration, and status information can be read from status register bits. Events indicated by status register bits can also activate the interrupt output pin (INT), if configured to do so by a set of interrupt-enable bits. A few configuration and status pins are active in hardware mode and CPU bus mode to support specialized applications, such as protection switching. The device is configured for CPU bus mode when the HW pin is wired low (HW = 0). With the exception of the HW pin, configuration and status pins available in hardware mode have corresponding register bits in the CPU bus mode. The hardware mode pins and the CPU bus mode register bits have identical names and functions, with the exception that all register bits are active high. For example, LOS is indicated by the receiver on the RLOS pin (active low) in hardware mode and the RLOS register bit (active high) in CPU bus mode. The few configuration input pins that are active in CPU bus mode also have corresponding register bits. In these cases, the actual configuration is the logical OR of pin assertion and register bit assertion. For example, the transmitter output driver is tri-stated if the TTS pin is asserted (i.e., low) or the TTS register bit is asserted (high). Figure 3-1 and Figure 3-2 show block diagrams of the DS315x in hardware mode and in CPU bus mode. Table 4-A lists the pins that are active in each mode. Figure 3-1. Hardware Mode Block Diagram Analog Local Loopback Automatic Gain Control + Adaptive Equalizer ALOS Clock & Data Recovery Clock Invert RXPn RXNn TXPn TXNn TTSn PRBSn TLBOn TCINV TPOSn/TDATn TCLKn TNEGn E3Mn RNEGn/RLCVn RCLKn RPOSn/RDATn RLOSn RMONn Power Supply TDSAn, TDSBn B3ZS/ HDB3 Encoder AIS, 100100…, PRBS Pattern Generation PRBS Detector B3ZS/HDB3 Decoder Digital LOS Detector squelch Driver Monitor Loopback Control TDMn LLBn VDD VSS TJAn TBIN RCINV Remote Loopback Global Configuration STSn Output Drivers, Clock Invert RTSn RBIN RJAn HW HIZ Digital Local Loopback RLBn RST Clock Mux T3MCLK E3MCLK STMCLK Dallas Semiconductor DS315x |
Similar Part No. - DS3154N |
|
Similar Description - DS3154N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |