Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX814_CSA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX814_CSA
Description  ±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX814_CSA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX814_CSA Datasheet HTML 3Page - Maxim Integrated Products MAX814_CSA Datasheet HTML 4Page - Maxim Integrated Products MAX814_CSA Datasheet HTML 5Page - Maxim Integrated Products MAX814_CSA Datasheet HTML 6Page - Maxim Integrated Products MAX814_CSA Datasheet HTML 7Page - Maxim Integrated Products MAX814_CSA Datasheet HTML 8Page - Maxim Integrated Products MAX814_CSA Datasheet HTML 9Page - Maxim Integrated Products MAX814_CSA Datasheet HTML 10Page - Maxim Integrated Products MAX814_CSA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
±1% Accuracy, Low-Power, +3V and +5V
µP Supervisory Circuits
_______________________________________________________________________________________
7
_______________Detailed Description
The MAX814/MAX815/MAX816 are high-accuracy, low-
power microprocessor (µP) supervisory circuits. They
have µP-reset, watchdog-timer, and power-fail func-
tions. Typical applications illustrating their similarities
and differences are shown in Figures 1, 2, and 3.
Figures 4, 5, and 6 show the block diagrams of these
parts.
______________________________________________________________Pin Description
PIN
MAX814
MAX815
MAX816
NAME
FUNCTION
1
1
1
MR
Manual-Reset Input. Triggers a reset when pulled below 1.10V. This active-
low input has an internal 150µA pullup current to VCC, and can be driven
with CMOS logic or shorted to GND with a switch or transistor.
2
2
Positive Power-Supply Input. When VCC is below the reset threshold
voltage*, RESET is low, and remains low for a minimum of 140ms after
it rises above the threshold.
2
VCC
Positive Power-Supply Input. On the MAX816, RESET is controlled by
RESET IN, not VCC.
3
3
3
GND
Ground
4
4
4
PFI
Power-Fail Input. The PFI threshold voltage is 1.70V on the MAX816 and on
MAX814/MAX815 parts with the T suffix. It is 2.50V on MAX814/MAX815
parts with K, L, and N suffixes. Connect PFI to GND or VCC when not used.
5
5
5
PFO
Power-Fail Output. When PFI is below its threshold, PFO is low;
otherwise it is high.
6
WDI
Watchdog CMOS Input. If WDI remains high or low for more than 1.56s, the
watchdog timer times out, and WDO goes low. The timer is reset to
zero on each WDI transition.
6
LOW LINE
Low-Line Output. Normally high, LOW LINE goes low when VCC falls 60mV
above the reset threshold. It returns high as soon as VCC rises above the
low-line threshold.
6
RESET IN
Reset Comparator Input. Reference is 1.70V. When RESET IN is below
1.70V, RESET is low, and remains low for a minimum of 140ms after it rises
above the reference.
7
7
7
RESET
Reset Output. Normally high, active low. Controlled by MR and reset
comparator.
8
8
RESET
Reset Output. Active high. The inverse of RESET.
8
WDO
Watchdog Output. Normally high, WDO goes low whenever the VCC reset
threshold comparator input voltage is low or when the watchdog timer
times out. There is no appreciable delay going either direction when the
VCC threshold comparator toggles.
*Reset Threshold Voltage is determined by part number suffix: K = 4.80V, L = 4.70V, N = 4.55V, T = 3.03V.


Similar Part No. - MAX814_CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX814KCSA MAXIM-MAX814KCSA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
More results

Similar Description - MAX814_CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX814KCSA MAXIM-MAX814KCSA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX814 MAXIM-MAX814 Datasheet
111Kb / 16P
   짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
MAX706P MAXIM-MAX706P_06 Datasheet
465Kb / 15P
   3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Rev 5; 4/06
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
logo
Analog Devices
ADM705 AD-ADM705 Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705 Datasheet
99Kb / 12P
   Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com