Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8215CSD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8215CSD
Description  ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8215CSD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8215CSD Datasheet HTML 1Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 2Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 3Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 4Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 5Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 6Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 7Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 8Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
±5V, ±12V (±15V) Dedicated
Microprocessor Voltage Monitors
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA=+25°C, unless otherwise noted.)
0
-60
COMPARATOR INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (C°)
-40 -20 0
20 40 60 80 100 120 140
0.5
1
1.5
2
2.5
3
3.5
4
VDD = 5V
0
2
COMPARATOR INPUT BIAS CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2.5
3
3.5
4
4.5
5
TA = +25°C
0
0
OUTPUT VOLTAGE LOW
vs. OUTPUT SINK CURRENT
VOL (V)
2.0 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
0.5
5
1.5
10
20
25
30
35
2
TA = +25°C
TA = +125°C
TA = -55°C
2
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
34
5
789
10 11
125
12
130
135
140
145
150
155
TA = +125°C
6
TA = +25°C
TA = -55°C
-5V PIN = -5V
-12V PIN = -5V
+5V PIN = +5V
+12V PIN = +12V
1.23
0
REFERENCE VOLTAGE
vs. REFERENCE SOURCE CURRENT
REFERENCE SOURCE CURRENT (µA)
1.231
1.232
1.233
1.234
1.235
1.236
1.237
1.238
50
100
150
200
250
300
TA = +125°C
TA = -55°C
TA = +25°C
VDD = 5V
1
REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
23
4
5
678
9
10
0.95
11
1
1.05
1.1
1.15
1.2
1.25
TA = -55°C
NOTE: -55
°C IS WORST CASE
CONDITION FOR REFERENCE
REGULATION AT LOW VOLTAGES.
-55
VREF OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
-35 -15
5
45
65 85 105 125
1.232
1.233
1.234
1.235
1.236
1.237
1.238
VDD = 5V
25


Similar Part No. - MAX8215CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8215CSD MAXIM-MAX8215CSD Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
More results

Similar Description - MAX8215CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
List of Unclassifed Man...
WT7510 ETC2-WT7510 Datasheet
62Kb / 1P
   The Over Voltage Detector (OVD) monitors 3.3V, 5V, 12V input voltage level
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
   3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
logo
Maxim Integrated Produc...
MAX8211 MAXIM-MAX8211_08 Datasheet
94Kb / 7P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
MAX8211 MAXIM-MAX8211 Datasheet
67Kb / 8P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
Rev 3; 1/95
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
   Microprocessor Reset Monitors
01-Nov-02
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX743 MAXIM-MAX743 Datasheet
472Kb / 12P
   Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)
19-2873; Rev 0; 7/90
logo
Texas Instruments
PT5060 TI-PT5060 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com