Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8215EPD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8215EPD
Description  ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8215EPD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8215EPD Datasheet HTML 4Page - Maxim Integrated Products MAX8215EPD Datasheet HTML 5Page - Maxim Integrated Products MAX8215EPD Datasheet HTML 6Page - Maxim Integrated Products MAX8215EPD Datasheet HTML 7Page - Maxim Integrated Products MAX8215EPD Datasheet HTML 8Page - Maxim Integrated Products MAX8215EPD Datasheet HTML 9Page - Maxim Integrated Products MAX8215EPD Datasheet HTML 10Page - Maxim Integrated Products MAX8215EPD Datasheet HTML 11Page - Maxim Integrated Products MAX8215EPD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
±5V, ±12V (±15V) Dedicated
Microprocessor Voltage Monitors
8
_______________________________________________________________________________________
Monitoring the Supply Voltage
The supply voltage to these devices can also be moni-
tored by the 5V dedicated comparator and the auxiliary
comparator. Figure 4 shows a circuit that monitors the
voltage connected at VDD for both overvoltage and
undervoltage conditions. The +5V comparator checks
for undervoltage conditions while the auxiliary compara-
tor monitors overvoltage conditions. In general, no extra
supply bypassing circuitry (other than the normally rec-
ommended 0.1µF capacitor) is required when perform-
ing this function. However, using resistor values higher
than 100k
Ω at the auxiliary comparator’s input requires
attention to eliminate potential oscillations. Also, partic-
ularly low pull-up resistor values on DOUT contribute to
the likelihood of the auxiliary comparator’s oscillation.
See the section Eliminating Output Oscillation.
Microprocessor Reset
____________Circuit with Time Delay
It is often necessary to reset a microprocessor (µP) when
its supply voltage drops below a certain level. Figure 5’s
circuit generates a low output when the monitored volt-
age drops below the 5V monitor’s threshold. Additionally,
this output remains low for 200ms after the supply voltage
goes above the threshold. µP reset circuits typically
include this feature because it gives the µP time to be
fully reset after power has been restored, and allows any
capacitors in associated circuitry time to charge. Figure
6 shows this circuit’s waveforms and formulas.
Figure 7 shows Figure 5’s µP reset circuit, but with the
monitored supply also powering the MAX8215. Figure
6’s waveforms and equations also apply to this circuit.
The MAX8215/MAX8216 comparator outputs correctly
display a low level down to a 0.8V typical supply voltage.
Unused Inputs
When the uncommitted comparator within the
MAX8215/MAX8216 is not used, tie the unused input to
either the positive supply or ground. This prevents noise
generation due to the comparator output switching from
one logic state to another (due to noise at the input).
Output Pull-Up Resistors
Pull-up resistors are required at the outputs of each
comparator. Resistor values should not be less than
2.7k
Ω if the outputs are pulled up to VDD. In general,
save power by using higher values, e.g.,
≥100kΩ. Use
of higher-value resistors also minimizes the possibility
of oscillations due to a spurious feedback (see the sec-
tion Eliminating Output Oscillation).
Input Voltage Limitation
If the voltages at the various inputs are kept within the
absolute maximum ratings, the device is not damaged.
However, high input voltages within this range can
cause the reference voltage to move. To prevent the
reference voltage from changing, limit the +5V input to
+17V; the -5V and -15V inputs to +1V; and the +15V
input to +60V. Negative input voltages within the
MAX8215
MAX8216
14
VDD
8
PGND
0.1
µF
OUT1
DOUT
7
13
9
RESET
3
2
+VS
GND
+5V
DIN
+5V
680k
680k
1
µF
Figure 5. Microprocessor Reset Circuit with 200ms Time Delay
VTRIP2
VTRIP1
GND
VDD
INPUT VOLTAGE
(VS)
OUTPUT
VOLTAGE
(OUT1)
GND
tDLY = -RC In 1 -
VREF
VCC
(
)
VDD
GND
tDLY
OUTPUT
VOLTAGE
(DOUT)
VTRIP1 IS FOR VS DECREASING;
VTRIP2 IS FOR VS INCREASING.
NOTE: VTH IS THE VOLTAGE AT THE INVERTING PIN OF THE TWO COMPARATORS.
IN THIS CASE, IT IS EQUAL TO THE INTERNAL REFERENCE VOLTAGE.
Figure 6. Microprocessor Reset with Time Delay Waveforms


Similar Part No. - MAX8215EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8215EPD MAXIM-MAX8215EPD Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
More results

Similar Description - MAX8215EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
List of Unclassifed Man...
WT7510 ETC2-WT7510 Datasheet
62Kb / 1P
   The Over Voltage Detector (OVD) monitors 3.3V, 5V, 12V input voltage level
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
   3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
logo
Maxim Integrated Produc...
MAX8211 MAXIM-MAX8211_08 Datasheet
94Kb / 7P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
MAX8211 MAXIM-MAX8211 Datasheet
67Kb / 8P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
Rev 3; 1/95
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
   Microprocessor Reset Monitors
01-Nov-02
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX743 MAXIM-MAX743 Datasheet
472Kb / 12P
   Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)
19-2873; Rev 0; 7/90
logo
Texas Instruments
PT5060 TI-PT5060 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com