Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6470TA_D_-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6470TA_D_-T
Description  300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6470TA_D_-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6470TA_D_-T Datasheet HTML 3Page - Maxim Integrated Products MAX6470TA_D_-T Datasheet HTML 4Page - Maxim Integrated Products MAX6470TA_D_-T Datasheet HTML 5Page - Maxim Integrated Products MAX6470TA_D_-T Datasheet HTML 6Page - Maxim Integrated Products MAX6470TA_D_-T Datasheet HTML 7Page - Maxim Integrated Products MAX6470TA_D_-T Datasheet HTML 8Page - Maxim Integrated Products MAX6470TA_D_-T Datasheet HTML 9Page - Maxim Integrated Products MAX6470TA_D_-T Datasheet HTML 10Page - Maxim Integrated Products MAX6470TA_D_-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
300mA LDO Linear Regulators with Internal
Microprocessor Reset Circuit
_______________________________________________________________________________________
7
MAX6469/MAX6470/MAX6477/MAX6478 Pin Description
PIN
BUMP
MAX6469/MAX6470
MAX6477/MAX6478
SOT23
TDFN
UCSP
NAME
FUNCTION
1
1, 2
A1
IN
Regulator Input. Bypass IN to GND with a 0.1µF capacitor.
2
3
A2
GND
Ground. This pin also functions as a heatsink. Solder to large pads or
the circuit-board ground plane to maximize thermal dissipation.
34
A3
SHDN
Active-Low Shutdown Input. Connect SHDN to VIN for normal operation.
45
C3
RESET
Active-Low Reset Output. RESET remains low while VOUT is below the
reset threshold. RESET remains low for the duration of the reset timeout
period after the reset conditions are terminated. RESET is available in
open-drain and push-pull configurations.
5
6
C2
SET
Feedback Input for Externally Setting the Output Voltage. Connect SET
to GND to select the preset output voltage. Connect SET to an external
resistor-divider network for adjustable output operation.
6
7, 8
C1
OUT
Regulator Output. Bypass OUT to GND with a minimum 3.3µF low-ESR
capacitor.
—EP
Exposed Paddle. EP is internally connected to GND. Connect EP to the
ground plane to provide a low thermal-resistance path from the IC
junction to the PCB. Do not use as the electrical connection to GND.
MAX6471/MAX6472/MAX6479/MAX6480 Pin Description
PIN
BUMP
MAX6475/MAX6476
MAX6483/MAX6484
SOT23
TDFN
UCSP
NAME
FUNCTION
1
1, 2
A1
IN
Regulator Input. Bypass IN to GND with a 0.1µF capacitor.
23
A2
GND
Ground. This pin also functions as a heatsink. Solder to large pads or
the circuit-board ground plane to maximize thermal dissipation.
34
A3
SHDN
Active-Low Shutdown Input. Connect SHDN to VIN for normal operation.
45
C3
RESET
Active-Low Reset Output. RESET remains low while FB is below the
reset threshold. RESET remains low for the duration of the reset timeout
period after the reset conditions are terminated. RESET is available in
open-drain and push-pull configurations.
5
6
C2
FB
Feedback Input for Linear Regulator Controller or Remote Sense
Applications. Connect FB to the external load (VCC) to obtain the fixed
output voltage.
6
7, 8
C1
OUT
Regulator Output. Bypass OUT to GND with a minimum 3.3µF low-ESR
capacitor.
—EP
Exposed Paddle. EP is internally connected to GND. Connect EP to the
ground plane to provide a low thermal-resistance path from the IC
junction to the PCB. Do not use as the electrical connection to GND.


Similar Part No. - MAX6470TA_D_-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6470TA15BD3 MAXIM-MAX6470TA15BD3 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX6470TA18AD3 MAXIM-MAX6470TA18AD3 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX6470TA25BD3 MAXIM-MAX6470TA25BD3 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX6470TA28AD3 MAXIM-MAX6470TA28AD3 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX6470TA30BD3 MAXIM-MAX6470TA30BD3 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
More results

Similar Description - MAX6470TA_D_-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX6349THUT MAXIM-MAX6349THUT Datasheet
434Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 3; 3/04
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com