Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX699EWE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX699EWE
Description  Low-Cost, Power-On Reset and Watchdog Controllers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX699EWE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX699EWE Datasheet HTML 1Page - Maxim Integrated Products MAX699EWE Datasheet HTML 2Page - Maxim Integrated Products MAX699EWE Datasheet HTML 3Page - Maxim Integrated Products MAX699EWE Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low-Cost, Power-On Reset
and Watchdog Controllers
Pin Description
PIN
SO
PDIP
NAME
FUNCTION
1, 4, 9
3, 4, 8
GND
Chip Power Ground
2, 3
1, 2
VCC
+5V Sense Input and MAX698/MAX699 Chip Power
5–8, 10–14
5, 6
N.C.
No Connection
10
6
WDI (MAX699 Only)
(MAX699 Only.) A three-level input. If WDI remains high or low for
more than the watchdog timeout period, RESET pulses low (WDO
also goes low on the MAX699 SO package). If WDI is unconnected,
the watchdog circuit is disabled.
14
WDO (MAX699 Only)
(MAX699 Only.) Goes low when WDI remains high or low for more
than the watchdog timeout period. WDO is set high at the next WDI
transition. If WDI is unconnected or at midsupply, WDO remains high.
WDO also remains high when VCC falls below 4.4V.
15
7
RESET
Goes low when VCC falls below internally set threshold (see the
Electrical Characteristics table).
16
RESET
Goes high when VCC falls below internally set threshold.
WDI*
WATCHDOG
TIMER
RESET
TIMER
VCC
VCC
GND
WDO*
RESET
RESET*
POWER-ON
RESET
4.65V
MAX698
MAX699
*WDI ON MAX699 ONLY
RESET ON SO PACKAGE ONLY
WDO ON SO MAX699 ONLY
Figure 1. Block Diagram
_______________________________________________________________________________________
3


Similar Part No. - MAX699EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX699EWE MAXIM-MAX699EWE Datasheet
117Kb / 4P
   Low Cost Power-On Reset and Watchdog Controllers
1996
More results

Similar Description - MAX699EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX698 MAXIM-MAX698 Datasheet
117Kb / 4P
   Low Cost Power-On Reset and Watchdog Controllers
1996
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640 Datasheet
572Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Linear Technology
LT3689 LINER-LT3689 Datasheet
394Kb / 32P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com