Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6428UR-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6428UR-T
Description  Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6428UR-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6428UR-T Datasheet HTML 5Page - Maxim Integrated Products MAX6428UR-T Datasheet HTML 6Page - Maxim Integrated Products MAX6428UR-T Datasheet HTML 7Page - Maxim Integrated Products MAX6428UR-T Datasheet HTML 8Page - Maxim Integrated Products MAX6428UR-T Datasheet HTML 9Page - Maxim Integrated Products MAX6428UR-T Datasheet HTML 10Page - Maxim Integrated Products MAX6428UR-T Datasheet HTML 11Page - Maxim Integrated Products MAX6428UR-T Datasheet HTML 12Page - Maxim Integrated Products MAX6428UR-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Low-Power, Single/Dual-Level Battery Monitors
with Hysteresis
_______________________________________________________________________________________
9
Hysteresis
Hysteresis increases the comparator’s noise margin by
increasing the upper threshold or decreasing the lower
threshold (see Figure 8). The hysteresis prevents the
output from oscillating (chattering) when BATT or VDD
is near the low-battery threshold. This is especially
important for applications where the load on the battery
creates significant fluctuations in battery voltages.
Fixed Hysteresis (MAX6427–MAX6432)
The MAX6427/MAX6428/MAX6429 total hysteresis is the
difference between the factory-trimmed VLTH and VHTH.
For the MAX6430/MAX6431/MAX6432, the total hysteresis
is the difference between the factory-trimmed VHTH- and
VHTH+ or VLTH- and VLTH+ values, approximately 5%.
Adjustable Hysteresis (MAX6433–MAX6438)
Figure 7 shows the correct connections for the external
resistor-dividers. To adjust the low-battery threshold
and hysteresis connect resistor R1 between VDD and
LTHIN, resistor R2 between LTHIN and HTHIN, and R3
between HTHIN and GND. The hysteresis for the
MAX6433–MAX6438 is determined by an external resis-
tor-divider network (see Resistor-Value Selection sec-
tion of Applications Information). The hysteresis for the
MAX6436/MAX6437/MAX6438 is the differences
between VHTHIN- and VHTHIN+ (~5%) or VLTHIN- and
VLTHIN+ (~5%).
R
Q
S
Q
LBO TIMEOUT
PERIOD
VBATT
VDD
LTHIN
HTHIN
( ) ARE FOR THE MAX6435
EXTERNAL
RESISTOR-
DIVIDER
615
mV
VDD
LBO
(LBO)
+
-
Figure 3. MAX6433/MAX6434/MAX6435 Functional Diagram


Similar Part No. - MAX6428UR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6428 MAXIM-MAX6428 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
More results

Similar Description - MAX6428UR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
Maxim Integrated Produc...
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
   Battery Pack Monitors
Rev. SpA
logo
Linear Technology
LTC6804-2 LINER-LTC6804-2_15 Datasheet
927Kb / 74P
   Multicell Battery Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com