Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6480BL33AD3 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6480BL33AD3
Description  300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6480BL33AD3 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6480BL33AD3 Datasheet HTML 5Page - Maxim Integrated Products MAX6480BL33AD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6480BL33AD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6480BL33AD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6480BL33AD3 Datasheet HTML 9Page - Maxim Integrated Products MAX6480BL33AD3 Datasheet HTML 10Page - Maxim Integrated Products MAX6480BL33AD3 Datasheet HTML 11Page - Maxim Integrated Products MAX6480BL33AD3 Datasheet HTML 12Page - Maxim Integrated Products MAX6480BL33AD3 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
300mA LDO Linear Regulators with Internal
Microprocessor Reset Circuit
_______________________________________________________________________________________
9
Detailed Description
The MAX6469–MAX6484 are ultra-low, quiescent cur-
rent, low-dropout linear regulators with an integrated
microprocessor reset circuit. These devices guarantee
300mA (min) drive capabilities and are available with
preset output voltages in 100mV increments between
+1.5V and +3.3V. The internal reset circuit monitors the
regulator output voltage and asserts the reset output
when the regulator output is below the microprocessor
supply tolerance.
Regulator
The regulator core operates with +2.5V to +5.5V input
voltage range. The output voltage is offered in 100mV
increments between +1.5V and +3.3V (contact factory
for other output voltage options). The MAX6469–
MAX6472/MAX6477–MAX6480 offer an adjustable out-
put voltage implemented with an external resistor-
divider network between OUT, SET, and GND (Figure
1). SET must be connected to either GND for fixed
VOUT or to an external divider for adjustable VOUT. The
MAX6469–MAX6472/MAX6477–MAX6480 automatically
determine the feedback path depending on the con-
nection of SET. The Typical Operating Circuit shows a
typical connection for the MAX6469. OUT is an internal-
ly regulated low-dropout (LDO) linear regulator that
powers a microprocessor.
Reset Circuit
The reset supervisor circuit is fully integrated in the
MAX6469–MAX6484 and uses the same reference volt-
age as the regulator. Two supply tolerance reset
thresholds, -7.5% and -12.5%, are provided for each
type of device.
-7.5% Reset: Reset does not assert until the regulator
output voltage is at least -5% out of tolerance and
always asserts before the regulator output voltage is
-10% out of tolerance.
-12.5% Reset: Reset does not assert until the regulator
output voltage is at least -10% out of tolerance and
always asserts before the regulator output voltage is
-15% out of tolerance.
RESET Output
A µP’s reset input starts the µP in a known state. The
MAX6469–MAX6484 µP supervisory circuits assert
RESET during power-up, power-down, and brownout
conditions. RESET asserts when the input voltage is
below the undervoltage lockout threshold. RESET
asserts when VOUT is below the reset threshold and
remains asserted for at least the minimum selected reset
timeout period (tRP, Table 3) after VIN rises above the
undervoltage lockout threshold and VOUT rises above
the reset threshold. RESET asserts when MR is pulled
low (MAX6471–MAX6474/MAX6479–MAX6482). RESET
asserts when SHDN is pulled low (MAX6469/
MAX6470/MAX6473–MAX6478/MAX6481–MAX6484).
Shutdown
(MAX6469/MAX6470/MAX6473–MAX6478/MAX6481–
MAX6484 only)
SHDN allows the regulator to shut down, thereby reduc-
ing the total IIN consumption of the device. SHDN pro-
vides a digitally controlled active-low shutdown. In
shutdown mode, the pass transistor, control circuit, and
reference turn off to reduce the supply current to below
0.1µA. Connect SHDN to IN for normal operation.
Manual Reset Input
(MAX6471–MAX6474/MAX6479–MAX6482 only)
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. A logic low on MR
asserts reset while the regulator output voltage is still
within tolerance.
Reset remains asserted while MR is low and for the
reset timeout period (tRP) after MR returns high. The
MR input has an internal pullup of 40kΩ (typ) to OUT.
MR can be driven with TTL/CMOS logic levels or with
open-drain/collector outputs. Connect a normally open
switch from MR to GND to create a manual reset func-
tion; external debounce circuitry is not required. If MR
is driven from long cables or the device is used in a
noisy environment, connect a 0.1µF capacitor from MR
to GND to provide additional noise immunity.
Feedback Input
(MAX6475/MAX6476/MAX6483/MAX6484 only)
The feedback input (FB) connects to an internal resistor-
divider network (Functional Diagram). FB is not internally
connected to VOUT, and as a result can be used to
MAX6469–MAX6472
MAX6477–MAX6480
R1
R2
COUT
MANUAL
RESET
GND
IN
OUT
SET
2.5V TO 5.5V
(MR)
( ) ARE FOR MAX6471/MAX6472/MAX6479/MAX6480 ONLY
Figure 1. Adjustable Output Voltage Configuration


Similar Part No. - MAX6480BL33AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6480BL33AD3 MAXIM-MAX6480BL33AD3 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
More results

Similar Description - MAX6480BL33AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX6349THUT MAXIM-MAX6349THUT Datasheet
434Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 3; 3/04
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com