Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX894L Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX894L
Description  Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX894L Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX894L_07 Datasheet HTML 1Page - Maxim Integrated Products MAX894L_07 Datasheet HTML 2Page - Maxim Integrated Products MAX894L_07 Datasheet HTML 3Page - Maxim Integrated Products MAX894L_07 Datasheet HTML 4Page - Maxim Integrated Products MAX894L_07 Datasheet HTML 5Page - Maxim Integrated Products MAX894L_07 Datasheet HTML 6Page - Maxim Integrated Products MAX894L_07 Datasheet HTML 7Page - Maxim Integrated Products MAX894L_07 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Dual, Current-Limited, High-Side P-Channel
Switches with Thermal Shutdown
___________________Chip Information
TRANSISTOR COUNT: 453
SUBSTRATE CONNECTED TO GND.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2007 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
Revision History
Pages changed at Rev 1: 1, 7, 8
4.0 ±0.1
0.30 ±0.05
0.8 ±0.05
0.30R MAX.
Bo
K
o
2.2 ±0.1
0.5 RADIUS
TYPICAL
A0
4.0 ±0.1
2.0 ±0.05
1.5 +0.1/-0.0 DIAMETER
1.75 ±0.1
1.0 ±0.1
A
8.0 ±0.3
3.5 ±0.05
1.0 MINIMUM
A
Ao = 3.1mm ±0.1
Bo = 2.7mm ±0.1
Ko = 1.2mm ±0.1
NOTE: DIMENSIONS ARE IN MM. AND
FOLLOW EIA481-1 STANDARD.
Tape-and-Reel Information


Similar Part No. - MAX894L_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX894LC/D MAXIM-MAX894LC/D Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
MAX894LESA MAXIM-MAX894LESA Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
More results

Similar Description - MAX894L_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
   Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
   1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890 Datasheet
148Kb / 7P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
ST890 STMICROELECTRONICS-ST890_05 Datasheet
443Kb / 9P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
ST890B STMICROELECTRONICS-ST890B_07 Datasheet
440Kb / 17P
   1.2 A current limited high side power switch with thermal shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com