Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6874 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6874
Description  EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6874 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6874 Datasheet HTML 1Page - Maxim Integrated Products MAX6874 Datasheet HTML 2Page - Maxim Integrated Products MAX6874 Datasheet HTML 3Page - Maxim Integrated Products MAX6874 Datasheet HTML 4Page - Maxim Integrated Products MAX6874 Datasheet HTML 5Page - Maxim Integrated Products MAX6874 Datasheet HTML 6Page - Maxim Integrated Products MAX6874 Datasheet HTML 7Page - Maxim Integrated Products MAX6874 Datasheet HTML 8Page - Maxim Integrated Products MAX6874 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
EEPROM-Programmable, Hex/Quad,
Power-Supply Sequencers/Supervisors
_______________________________________________________________________________________
5
Note 1: Specifications guaranteed for the stated global conditions. The device also meets the parameters specified when 0 < VIN1
< +6.5V, and at least one of VIN3–VIN6 is between +2.7V and +5.5V, while the remaining VIN3–VIN6 are between 0 and
+5.5V.
Note 2: Device may be supplied from any one of IN_, except IN2 and IN6.
Note 3: The internal supply voltage, measured at ABP, equals the maximum of IN3–IN5 if VIN1 = 0, or equals +5.4V if VIN1 > +6.5V.
For +4V < VIN1 < +6.5V and VIN3–VIN5 > +2.7V, the input that powers the device cannot be determined.
Note 4: CBUS = total capacitance of one bus line in pF. Rise and fall times are measured between 0.1 x VBUS and 0.9 x VBUS.
Note 5: Input filters on SDA, SCL, A0, and A1 suppress noise spikes < 50ns.
Note 6: An additional cycle is required when writing to configuration memory for the first time.
TIMING CHARACTERISTICS
(IN1 = GND, VIN2–VIN6 = +2.7V to +5.5V, GPI_ = GND, MARGIN = MR = DBP, TA = -40°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS (Figure 2)
Serial Clock Frequency
fSCL
400
kHz
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
Bus-Free Time
tBUF
1.3
µs
START Setup Time
tSU:STA
0.6
µs
START Hold Time
tHD:STA
0.6
µs
STOP Setup Time
tSU:STO
0.6
µs
Data-In Setup Time
tSU:DAT
100
ns
Data-In Hold Time
tHD:DAT
0
900
ns
Receive SCL/SDA Minimum Rise Time
tR
(Note 4)
20 +
0.1 x
CBUS
ns
Receive SCL/SDA Maximum Rise Time
tR
(Note 4)
300
ns
Receive SCL/SDA Minimum Fall Time
tF
(Note 4)
20 +
0.1 x
CBUS
ns
Receive SCL/SDA Maximum Fall Time
tF
(Note 4)
300
ns
Transmit SDA Fall Time
tF
CBUS = 400pF
20 +
0.1 x
CBUS
300
ns
Pulse Width of Spike Suppressed
tSP
(Note 5)
50
ns
EEPROM Byte Write Cycle Time
tWR
(Note 6)
11
ms


Similar Part No. - MAX6874

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX687 MAXIM-MAX687 Datasheet
103Kb / 12P
   High-Accuracy, Low-Dropout Linear Regulators
Rev 0; 12/94
MAX687-MAX689 MAXIM-MAX687-MAX689 Datasheet
103Kb / 12P
   High-Accuracy, Low-Dropout Linear Regulators
Rev 0; 12/94
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6870ETJ MAXIM-MAX6870ETJ Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6871 MAXIM-MAX6871 Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
More results

Similar Description - MAX6874

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
logo
Renesas Technology Corp
ISL70321SEH RENESAS-ISL70321SEH Datasheet
1Mb / 26P
   Radiation Hardened Quad Power Supply Sequencers
Jul 30, 2021
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884_05 Datasheet
316Kb / 34P
   EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Rev 0; 2/05
MAX6877 MAXIM-MAX6877 Datasheet
307Kb / 24P
   Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors
Rev 0; 7/05
MAX6876 MAXIM-MAX6876 Datasheet
378Kb / 39P
   EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
Rev 0; 10/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com