Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX894LESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX894LESA
Description  Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX894LESA Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX894LESA Datasheet HTML 1Page - Maxim Integrated Products MAX894LESA Datasheet HTML 2Page - Maxim Integrated Products MAX894LESA Datasheet HTML 3Page - Maxim Integrated Products MAX894LESA Datasheet HTML 4Page - Maxim Integrated Products MAX894LESA Datasheet HTML 5Page - Maxim Integrated Products MAX894LESA Datasheet HTML 6Page - Maxim Integrated Products MAX894LESA Datasheet HTML 7Page - Maxim Integrated Products MAX894LESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Dual, Current-Limited, High-Side P-Channel
Switches with Thermal Shutdown
6
_______________________________________________________________________________________
NAME
FUNCTION
1
OUT A
Switch A Output. P-channel MOSFET drain. Bypass OUT A with a 0.1
µF capacitor to ground.
2
OUT B
Switch B Output. P-channel MOSFET drain. Bypass OUT B with a 0.1
µF capacitor to ground.
PIN
3
SET A
Set Current-Limit Input. A resistor from SET A to ground sets the current limit for switch A. See Setting the
Current Limit section.
4
ONA
Active-Low Switch A On Input. A logic low turns switch A on.
8
ONB
Active-Low Switch B On Input. A logic low turns switch B on.
7
IN
Input, Switches A and B. P-channel MOSFET source. Bypass IN with a 1
µF capacitor to ground.
6
SET B
Set Current-Limit Input. A resistor from SET B to ground sets the current limit for switch B. See Setting the
Current Limit section.
5
GND
Ground
______________________________________________________________Pin Description
1.24V
ON
P
P
P
P
P
CURRENT-LIMIT
AMPLIFIER B
REPLICA
AMPLIFIER A
CONTROL
CIRCUITRY
ON
REPLICA
AMPLIFIER B
1.24V
ON
ON
P
CURRENT-LIMIT
AMPLIFIER A
OUT B
OUT A
SET B
RSET B
SET A
RSET A
GND
IN
ONB
ONA
MAX894L
MAX895L
Figure 1. Functional Diagram


Similar Part No. - MAX894LESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX894LESA MAXIM-MAX894LESA Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
More results

Similar Description - MAX894LESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
   Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
   1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890 Datasheet
148Kb / 7P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
ST890 STMICROELECTRONICS-ST890_05 Datasheet
443Kb / 9P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
ST890B STMICROELECTRONICS-ST890B_07 Datasheet
440Kb / 17P
   1.2 A current limited high side power switch with thermal shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com