Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6433UK-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6433UK-T
Description  Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6433UK-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6433UK-T Datasheet HTML 1Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 2Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 3Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 4Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 5Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 6Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 7Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 8Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX6427–MAX6438 are single/dual-level battery mon-
itors with internal hysteresis. These devices are offered with
single (MAX6427/MAX6428/MAX6429, MAX6433/
MAX6434/MAX6435) or dual (MAX6430/MAX6431/
MAX6432, MAX6436/MAX6437/MAX6438) low-battery out-
put indicators, which can be used to indicate three battery
conditions: battery is good (operate system in normal
mode), battery is weak (operate system in low-power
mode), or battery is empty (disable the system).
These devices are ideal for monitoring single lithium-ion
(Li+) cells or multicell alkaline/NiCd/NiMH power supplies.
When the power-supply voltage drops below the specified
low threshold, the low-battery output asserts. When the
voltage rises above the specified high threshold, the low-
battery output is deasserted following a 140ms minimum
timeout period. The timeout period ensures that the supply
voltages have stabilized before power-converter or micro-
processor activity is enabled.
The MAX6427–MAX6438 family is available with several
monitoring options. The MAX6427/MAX6428/MAX6429
offer factory-trimmed battery-monitor thresholds, with a sin-
gle low-battery output. The MAX6430/MAX6431/MAX6432
also feature factory-trimmed thresholds, but have two low-
battery outputs.
The MAX6433–MAX6438 have user-adjustable threshold
voltages permitting the user to select the hysteresis range,
and consequently the sensitivity of the system to noise. A
wide hysteresis range also prevents chattering that can
result due to battery recovery after load removal. Single
low-battery outputs are supplied by the MAX6433/
MAX6434/MAX6435 and dual low-battery outputs by the
MAX6436/MAX6437/MAX6438.
The MAX6427–MAX6438 family is available with three out-
put logic options for convenient interface with system
power circuitry or microprocessors. The family is offered in
small SOT23 and SOT143 packages and is fully specified
over temperature.
________________________Applications
Battery-Powered Systems (Single-Cell Li+ or
Two/Three-Cell NiMH, NiCd, Alkaline)
Cell Phones/Cordless Phones
Pagers
Portable Medical Devices
PDAs
Electronic Toys
MP3 Players
Features
♦ Factory-Trimmed or User-Adjustable Threshold
Options
Factory-Trimmed Low Thresholds from 1.6V to
2.1V or 2.6V to 3.1V in 100mV Increments
(MAX6427–MAX6432)
Factory-Trimmed High Thresholds from 2.3V to
2.6V or 3.3V to 3.6V in 100mV Increments
(MAX6427–MAX6432)
User-Adjustable Low/High Thresholds with
615mV Internal Reference (MAX6433–MAX6438)
♦ Low Current (1µA, typ)
♦ Single or Dual Low-Battery Outputs
♦ Push-Pull LBO, Open-Drain LBO, and Open-Drain
LBO Options
♦ 140ms Minimum LBO Timeout Period
♦ Immune to Short Battery Voltage Transients
♦ Guaranteed Valid LBO Logic State to BATT = 1.0V
♦ -40°C to +85°C Operating Temperature Range
♦ Small 3, 4, 5 and 6-Pin SOT Packages
♦ No External Components Required
(MAX6427–MAX6432)
Low-Power, Single/Dual-Level Battery Monitors
with Hysteresis
________________________________________________________________ Maxim Integrated Products
1
19-2323; Rev 2; 12/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Typical Operating Circuit appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX6427_ _UR-T
-40°C to +85°C
3 SOT23-3
Ordering Information continued at end of data sheet.
Pin Configurations continued at end of data sheet.
The MAX6427–MAX6432 are available with factory-trimmed
battery-monitor thresholds. Select the desired thresholds
using Tables 1 or 2 and enter the corresponding letters in
the part number by replacing “_ _”.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
Note: There are 26 standard versions with a required order
minimum of 2500 pieces. Sample stock is generally held on
the standard versions only (see Standard Versions Table).
Required order increment is 10,000 pieces for nonstandard
versions. Contact factory for availability. All devices avail-
able in tape-and-reel only.
BATT
1
3
GND
( ) ARE FOR THE MAX6429.
MAX6427
MAX6428
MAX6429
SOT23-3
TOP VIEW
2
LBO
(LBO)
Pin Configurations


Similar Part No. - MAX6433UK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6433 MAXIM-MAX6433 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
More results

Similar Description - MAX6433UK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
Maxim Integrated Produc...
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
   Battery Pack Monitors
Rev. SpA
logo
Linear Technology
LTC6804-2 LINER-LTC6804-2_15 Datasheet
927Kb / 74P
   Multicell Battery Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com