Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21610QN Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS21610QN
Description  3.3V/5V Clock Rate Adapter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21610QN Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS21610QN Datasheet HTML 7Page - Maxim Integrated Products DS21610QN Datasheet HTML 8Page - Maxim Integrated Products DS21610QN Datasheet HTML 9Page - Maxim Integrated Products DS21610QN Datasheet HTML 10Page - Maxim Integrated Products DS21610QN Datasheet HTML 11Page - Maxim Integrated Products DS21610QN Datasheet HTML 12Page - Maxim Integrated Products DS21610QN Datasheet HTML 13Page - Maxim Integrated Products DS21610QN Datasheet HTML 14Page - Maxim Integrated Products DS21610QN Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS21610 3.3V/5V Clock Rate Adapter
11 of 15
Figure 4-2. Output Frame-Sync Alignment When CLKOIT2 = 2 x CLKOUT1
Figure 4-3. Output Frame-Sync Alignment When CLKOUT2 = 3 x CLKOUT1
SYNCOUT
CLKOUT2
(8.192MHz)
CLKOUT1
(4.096MHz)
SYNCOUT
CLKOUT2
(6.176MHz)
CLKOUT1
(3.088MHz)
CLKOUT2
(7.680MHz or
6.144MHz)
CLKOUT1
(2.56MHz or
2.048MHz)
SYNCOUT


Similar Part No. - DS21610QN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21610QN DALLAS-DS21610QN Datasheet
604Kb / 15P
   3.3V/5V Clock Rate Adapter
More results

Similar Description - DS21610QN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21610-DS21610SN DALLAS-DS21610-DS21610SN Datasheet
604Kb / 15P
   3.3V/5V Clock Rate Adapter
logo
Maxim Integrated Produc...
DS21600 MAXIM-DS21600 Datasheet
339Kb / 13P
   3.3V/5V Clock Rate Adapter
REV: 113004
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
logo
Level One
LXP610 LVL1-LXP610 Datasheet
815Kb / 12P
   Low-Jitter Multi-Rate Clock Adapter(CLAD)
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C18551 PERICOM-PI6C18551 Datasheet
294Kb / 5P
   3.3V/5V 1 to 4 Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com