Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6884 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6884
Description  EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6884 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6884_05 Datasheet HTML 3Page - Maxim Integrated Products MAX6884_05 Datasheet HTML 4Page - Maxim Integrated Products MAX6884_05 Datasheet HTML 5Page - Maxim Integrated Products MAX6884_05 Datasheet HTML 6Page - Maxim Integrated Products MAX6884_05 Datasheet HTML 7Page - Maxim Integrated Products MAX6884_05 Datasheet HTML 8Page - Maxim Integrated Products MAX6884_05 Datasheet HTML 9Page - Maxim Integrated Products MAX6884_05 Datasheet HTML 10Page - Maxim Integrated Products MAX6884_05 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
EEPROM-Programmable, Hex
Power-Supply Supervisory Circuits
_______________________________________________________________________________________
7
1.25
1.50
1.75
2.00
2.50
2.25
2.75
3.00
1.00
MR TO RESET OR UV/OV OUTPUT
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-40
85
PIN
MAX6884
MAX6885
NAME
FUNCTION
11
RESET
Reset Output. Configurable, active-low, open drain, or weak pullup. RESET assumes its
programmed conditional output state when VCC exceeds UVLO (2.5V).
22
WDO
Watchdog Timer Output. Configurable, active-low, open drain, or weak pullup. WDO
asserts when WDI is not toggled with a valid high-to-low or low-to-high transition within
the watchdog timeout period.
33
UV/OV
Undervoltage/Overvoltage Output. Configurable, active-low, open drain, or weak pullup.
UV/OV assumes its programmed conditional output state when VCC exceeds UVLO
(2.5V).
44
GND
Ground
55
WDI
Watchdog Timer Input. Logic input for the watchdog timer function. If WDI is not toggled
with a valid low-to-high or high-to-low transition within the watchdog timeout period,
WDO asserts. Progam initial and normal watchdog timeout periods from 6.25ms to
102.4s. WDI is internally pulled down to GND through a 10µA current sink.
66
MR
Manual Reset Input. Program MR to assert RESET and/or UV/OV when MR is asserted.
Leave MR unconnected or connect to DBP if unused. MR is internally pulled up to DBP
through a 10µA current source.
Typical Operating Characteristics (continued)
(VIN1–VIN4 or VCC = 5V, AUXIN = WDI = GND, MARGIN = MR = DBP. Typical values are at TA = +25°C, unless otherwise noted.)
ADC ACCURACY vs. TEMPERATURE
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
TEMPERATURE (
°C)
60
35
10
-15
-40
85
VIN5 = 2V,
10mV/STEP
RANGE
VIN1 = 5V,
20mV/STEP
RANGE
VAUXIN = 1V
Pin Description


Similar Part No. - MAX6884_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6884EVCMOD2 MAXIM-MAX6884EVCMOD2 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6884EVKIT# MAXIM-MAX6884EVKIT# Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
More results

Similar Description - MAX6884_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6887 MAXIM-MAX6887_10 Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
MAX6887 MAXIM-MAX6887 Datasheet
788Kb / 14P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 1; 3/07
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
logo
Linear Technology
LTC2933 LINER-LTC2933_15 Datasheet
268Kb / 32P
   Programmable Hex Voltage Supervisor with EEPROM
logo
ON Semiconductor
CAT1161JI-25 ONSEMI-CAT1161JI-25 Datasheet
163Kb / 13P
   Supervisory Circuits withI2C Serial CMOS EEPROM,
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com