Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6916 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6916
Description  SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6916 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6916 Datasheet HTML 1Page - Maxim Integrated Products MAX6916 Datasheet HTML 2Page - Maxim Integrated Products MAX6916 Datasheet HTML 3Page - Maxim Integrated Products MAX6916 Datasheet HTML 4Page - Maxim Integrated Products MAX6916 Datasheet HTML 5Page - Maxim Integrated Products MAX6916 Datasheet HTML 6Page - Maxim Integrated Products MAX6916 Datasheet HTML 7Page - Maxim Integrated Products MAX6916 Datasheet HTML 8Page - Maxim Integrated Products MAX6916 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
General Description
The MAX6916 provides all the features of a real-time
clock (RTC) plus a microprocessor supervisory circuit,
NV RAM controller, and backup-battery monitor func-
tion. In addition, 96 x 8 bits of static RAM are available
for scratchpad storage. The MAX6916 communicates
with a microprocessor through an SPI™-bus-compati-
ble serial interface.
The real-time clock/calendar provides seconds, min-
utes, hours, day, date, month, and year information.
The end of the month date is automatically adjusted for
months with fewer than 31 days, including corrections
for leap years through 2099. The clock operates in
either 24hr or 12hr format with an AM/PM indicator. A
time/date-programmable alarm function is provided
with an open-drain, active-low alarm output.
The microprocessor supervisory circuit features an
open-drain, active-low reset available in three different
reset thresholds. A manual reset input and a watchdog
function are included as well.
The NV RAM controller provides power for external SRAM
from a backup battery plus chip-enable gating. The back-
up battery also provides data retention of the on-board 96
x 8 bits of RAM. An open-drain, active-low, battery-on sig-
nal alerts the system when operating from a battery.
The battery-test circuitry periodically tests the backup
battery for a low-battery condition. An optional external
resistor network selects different battery thresholds. A
freshness seal prevents battery drain until the first VCC
power-up.
The MAX6916 has a crystal-fail-detect circuit and a
data-valid bit. The MAX6916 is available in a 20-pin
QSOP package and is guaranteed to operate over the
-40°C to +85°C extended temperature range.
Applications
Point-of-Sale Equipment
Programmable Logic Controllers
Intelligent Instruments
Fax Machines
Digital Thermostats
Industrial Controls
Features
o Real-Time Clock Counts
Seconds, Minutes, Hours, Date, Month, Day of
Week, and Year with Leap-Year Compensation
Through 2099
o 4MHz SPI-Bus-Compatible Interface at 5V, 2MHz
at 3V, and 3.3V
o SPI Interface Supports Modes 1 and 3 (0, 1 and 1, 1)
o 96 x 8 Bits of RAM for Scratchpad Data Storage
o Uses Standard 32.768kHz, 6pF Load, Watch
Crystal
o Single-Byte or Multiple-Byte (Burst Mode) Data
Transfer for Read or Write of Clock Registers or
RAM
o Battery Monitor and Low-Battery Warning Output
Internal Default for Lithium Backup-Battery
Testing
Pins Available for Other Backup-Battery
Testing Configurations
o Dual Power-Supply Pins for Primary and Backup
Power
o Battery-On Output
o NV RAM Controller
Chip-Enable Gating (Control of CE with Reset
and Power Valid)
VOUT for SRAM Power
o µP Supervisor with Watchdog Input
o Programmable Time/Date Alarm Output
o Data Valid Bit (Loss of All Voltage Alerts User of
Corrupt Data)
o Crystal-Fail Detect
o Small 20-Pin, QSOP Surface-Mount Package
SPI-Compatible RTC with Microprocessor
Supervisor, Alarm, and NV RAM Controller
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3694; Rev 0; 10/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX6916EO30+
-40°C to +85°C
20 QSOP
E20-2
MAX6916EO33+
-40°C to +85°C
20 QSOP
E20-2
MAX6916EO50+
-40°C to +85°C
20 QSOP
E20-2
Pin Configuration and Selector Guide appear at end of data
sheet.
SPI is a trademark of Motorola, Inc.
+Denotes lead-free package.


Similar Part No. - MAX6916

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX691 MAXIM-MAX691 Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX6910EO30 MAXIM-MAX6910EO30 Datasheet
779Kb / 33P
   I2C-Compatible Real-Time Clocks with uP Supervisor and NV RAM Controller
19-3322; Rev 0; 8/04
MAX6910EO33 MAXIM-MAX6910EO33 Datasheet
779Kb / 33P
   I2C-Compatible Real-Time Clocks with uP Supervisor and NV RAM Controller
19-3322; Rev 0; 8/04
MAX6917EO30 MAXIM-MAX6917EO30 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
MAX6917EO33 MAXIM-MAX6917EO33 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
More results

Similar Description - MAX6916

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
MAX6909 MAXIM-MAX6909 Datasheet
779Kb / 33P
   I2C-Compatible Real-Time Clocks with uP Supervisor and NV RAM Controller
19-3322; Rev 0; 8/04
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
logo
STMicroelectronics
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Ramtron International C...
FM3130 RAMTRON-FM3130_11 Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
logo
STMicroelectronics
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com