Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6916 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6916
Description  SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6916 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6916 Datasheet HTML 2Page - Maxim Integrated Products MAX6916 Datasheet HTML 3Page - Maxim Integrated Products MAX6916 Datasheet HTML 4Page - Maxim Integrated Products MAX6916 Datasheet HTML 5Page - Maxim Integrated Products MAX6916 Datasheet HTML 6Page - Maxim Integrated Products MAX6916 Datasheet HTML 7Page - Maxim Integrated Products MAX6916 Datasheet HTML 8Page - Maxim Integrated Products MAX6916 Datasheet HTML 9Page - Maxim Integrated Products MAX6916 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SPI-Compatible RTC with Microprocessor
Supervisor, Alarm, and NV RAM Controller
6
_______________________________________________________________________________________
Note 1: VRST is the reset threshold for VCC. See the Ordering Information.
Note 2: All parameters are 100% tested at TA = +85°C. Limits over temperature are guaranteed by design and are not production
tested.
Note 3: The SPI serial interface is operational for VCC > VRST.
Note 4: See the Detailed Description (VOUT function).
Note 5: ICCS is specified with CS = VCC, SCLK = DIN = WDI = CE_IN = GND, DOUT, VOUT, CE_OUT, and MR floating. IBATT is
specified with WDI =
CE_IN = SCLK = DIN = GND, CS = VCC, DOUT, VOUT, CE_OUT, and MR floating.
Note 6: ICCA is specified with SCLK = 4MHz for VCC = +5.5V and SCLK = 2MHz for VCC = +3.3V and +3.6V. DOUT = OPEN, CS =
GND, DIN = VCC, CE_IN = VCC, VOUT and CE_OUT open, WDI = VCC or GND.
Note 7: For OUT switchover to BATT, VCC must fall below VRST and VBATT. For OUT switchover to VCC, VCC must be above VRST or
above VBATT.
Note 8: Guaranteed by design. Not subject to production testing.
Note 9: All values are referred to VIH(MIN) and VIL(MAX) levels.
VCC-TO-OUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
17.5
20.0
22.5
25.0
27.5
30.0
15.0
-40
85
VCC = 3V
VBATT = 0V
IOUT = 35mA
VCC = 3.3V
VBATT = 0V
IOUT = 35mA
BATT-TO-OUT VOLTAGE vs. TEMPERATURE
1
2
3
4
5
6
7
8
9
10
0
TEMPERATURE (
°C)
60
35
10
-15
-40
85
VCC = 0V
VBATT = 3V
IOUT = 800
µA
VCC = 0V
VBATT = 2V
IOUT = 400
µA
TIMEKEEPING CURRENT vs. TEMPERATURE
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.8
TEMPERATURE (
°C)
60
35
10
-15
-40
85
SCLK = GND, DOUT = OPEN
CS = VCC, DIN = GND
CE_IN = GND
XTAL FAIL ENABLED
TIMEKEEPING CURRENT vs. TEMPERATURE
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.8
TEMPERATURE (
°C)
60
35
10
-15
-40
85
SCLK = GND, DOUT = OPEN
CS = VCC, DIN = GND
CE_IN = GND
XTAL FAIL DISABLED
Typical Operating Characteristics
(VCC = 3.3V, VBATT = 3V, TA = +25°C, unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Test Cycle—Normal
tBTCN
(Note 8)
24
hr
Battery Test Pulse Width
tBTPW
(Note 8)
1
s


Similar Part No. - MAX6916

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX691 MAXIM-MAX691 Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX6910EO30 MAXIM-MAX6910EO30 Datasheet
779Kb / 33P
   I2C-Compatible Real-Time Clocks with uP Supervisor and NV RAM Controller
19-3322; Rev 0; 8/04
MAX6910EO33 MAXIM-MAX6910EO33 Datasheet
779Kb / 33P
   I2C-Compatible Real-Time Clocks with uP Supervisor and NV RAM Controller
19-3322; Rev 0; 8/04
MAX6917EO30 MAXIM-MAX6917EO30 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
MAX6917EO33 MAXIM-MAX6917EO33 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
More results

Similar Description - MAX6916

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
MAX6909 MAXIM-MAX6909 Datasheet
779Kb / 33P
   I2C-Compatible Real-Time Clocks with uP Supervisor and NV RAM Controller
19-3322; Rev 0; 8/04
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
logo
STMicroelectronics
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Ramtron International C...
FM3130 RAMTRON-FM3130_11 Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
logo
STMicroelectronics
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com