Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5087 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5087
Description  45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5087 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5087_08 Datasheet HTML 5Page - Maxim Integrated Products MAX5087_08 Datasheet HTML 6Page - Maxim Integrated Products MAX5087_08 Datasheet HTML 7Page - Maxim Integrated Products MAX5087_08 Datasheet HTML 8Page - Maxim Integrated Products MAX5087_08 Datasheet HTML 9Page - Maxim Integrated Products MAX5087_08 Datasheet HTML 10Page - Maxim Integrated Products MAX5087_08 Datasheet HTML 11Page - Maxim Integrated Products MAX5087_08 Datasheet HTML 12Page - Maxim Integrated Products MAX5087_08 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
45V, 400mA, Low-Quiescent-Current
Linear Regulator with Adjustable Reset Delay
10
______________________________________________________________________________________
Calculate package dissipation at the given temperature
as follows:
And establish the maximum current:
Example 3:
TA = +50°C
VIN = +14V
VOUT = +10V
Calculate package dissipation at the given temperature
as follows:
PD = 2.666W
And find the maximum output current:
In example 3 the maximum output current is calculated
as 666mA, however, the maximum output current can-
not exceed 400mA.
Use Figure 4 to quickly determine maximum allowable out-
put current for selected ambient temperatures.
Output-Capacitor Selection and
Regulator Stability
For stable operation over the full temperature range
and with load currents up to 400mA, use a 15µF (min)
output capacitor with an ESR < 0.25
Ω. To reduce noise
and improve load-transient response, stability, and
power-supply rejection use larger output capacitor val-
ues such as 22µF.
Some ceramic capacitor dielectrics exhibit large
capacitance and ESR variation with temperature. For
capacitor dielectrics such as Y5V, use 22µF or more to
ensure stability at temperatures below -10°C. With X7R
or X5R dielectrics, 15µF should be sufficient at all oper-
ating temperatures. To improve power supply rejection
and transient response, use a minimum 47µF low-ESR
capacitor from IN to GND.
I
(2.666W)
(14V) (10V)
mA
I
4 0mA
OUT(MAX)
OUT(MAX)
=
=⇒
=
666
0
I
(1.191W)
(14V) (5V)
mA
OUT(MAX)
.
=
= 92 7
P
2.666W
0.0333
W
C
(125 C
70 C)
0
W
D
.
=−
°
°− °
=
8345
Chip Information
PROCESS: BiCMOS
VIN (V)
45
40
35
30
25
20
15
10
5
0
VOUT = +5V
TA = +70
°C
TA = +85
°C
TA = +125
°C
0.25
0.20
0.15
0.10
0.05
0.30
0.35
0.40
0.45
0.50
0
Figure 4. Maximum Output Current vs. Input Voltage (16-Pin
TQFN)


Similar Part No. - MAX5087_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5087AATE++ MAXIM-MAX5087AATE+ Datasheet
1Mb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3964; Rev 6; 5/14
MAX5087BATE++ MAXIM-MAX5087BATE+ Datasheet
1Mb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3964; Rev 6; 5/14
MAX5087BATE/V++ MAXIM-MAX5087BATE/V+ Datasheet
1Mb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3964; Rev 6; 5/14
MAX5087 MAXIM-MAX5087_14 Datasheet
1Mb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3964; Rev 6; 5/14
More results

Similar Description - MAX5087_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5087 MAXIM-MAX5087_14 Datasheet
1Mb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3964; Rev 6; 5/14
MAX5087 MAXIM-MAX5087 Datasheet
294Kb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 4; 4/13
MAX5086 MAXIM-MAX5086_08 Datasheet
323Kb / 13P
   45V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 2; 2/08
MAX5086AATN MAXIM-MAX5086AATN Datasheet
1Mb / 15P
   65V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3878; Rev 1; 7/06
logo
Infineon Technologies A...
IFX30081SJV INFINEON-IFX30081SJV_15 Datasheet
1Mb / 25P
   50mA, Adjustable Linear Voltage Regulator with Ultra Low Quiescent Current
Rev. 1.0, 2015-02-04
logo
Monolithic Power System...
MP2019 MPS-MP2019 Datasheet
826Kb / 16P
   40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
E-CMOS Corporation
EC6209 E-CMOS-EC6209 Datasheet
1Mb / 24P
   250mA Low- Quiescent Current Linear Regulator
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
logo
Taiwan Semiconductor Co...
TS19603 TSC-TS19603 Datasheet
152Kb / 6P
   400mA High Voltage Adjustable Current Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com