Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6917EO33 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6917EO33
Description  I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6917EO33 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6917EO33 Datasheet HTML 3Page - Maxim Integrated Products MAX6917EO33 Datasheet HTML 4Page - Maxim Integrated Products MAX6917EO33 Datasheet HTML 5Page - Maxim Integrated Products MAX6917EO33 Datasheet HTML 6Page - Maxim Integrated Products MAX6917EO33 Datasheet HTML 7Page - Maxim Integrated Products MAX6917EO33 Datasheet HTML 8Page - Maxim Integrated Products MAX6917EO33 Datasheet HTML 9Page - Maxim Integrated Products MAX6917EO33 Datasheet HTML 10Page - Maxim Integrated Products MAX6917EO33 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
I2C-Compatible RTC with Microprocessor
Supervisor, Alarm, and NV RAM Controller
_______________________________________________________________________________________
7
VCC-TO-OUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
15
15
20
25
30
35
40
10
-40
85
VCC = 3V
VBATT = 0V
IOUT = 35mA
VCC = 3.3V
VBATT = 0V
IOUT = 35mA
BATT-TO-OUT VOLTAGE vs. TEMPERATURE
1
2
3
4
5
6
7
8
9
10
0
TEMPERATURE (
°C)
60
35
10
15
-40
85
VCC = 0V
VBATT = 3V
IOUT = 800
µA
VCC = 0V
VBATT = 2V
IOUT = 400
µA
TIMEKEEPING CURRENT
vs. TEMPERATURE
1.0
1.2
1.4
1.6
0.4
0.6
0.8
TEMPERATURE (
°C)
60
35
10
15
-40
85
SCL = SDA = VCC = 0V
1Hz, 32kHz OUTPUTS DISABLED
XTAL FAIL DISABLED
VBATT = 3V
TIMEKEEPING CURRENT
vs. TEMPERATURE
1.0
1.2
1.4
1.6
0.4
0.6
0.8
TEMPERATURE (
°C)
60
35
10
15
-40
85
VBATT = 3V
SCL = SDA = VCC = 0V
1Hz, 32kHz OUTPUTS DISABLED
XTAL FAIL ENABLED
Typical Operating Characteristics
(VCC = 3V, VBATT = 3V, TA = +25°C, unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Note 3:
I2C serial interface is operational for VCC > VRST.
Note 4:
See the Detailed Description section (VOUT function).
Note 5:
IBATT is specified with SDA = SCL = VCC, CE_IN = WDI = GND, VOUT , CE_OUT, and MR floating. ICCS is specified with SDA =
SCL = VCC, CE_IN = WDI = GND, VOUT, CE_OUT, and MR floating.
Note 6:
I2C serial interface operating at 400kHz, SDA pulled high, and WDI = VCC or GND, VOUT and CE_OUT floating.
Note 7:
For OUT switchover to BATT, VCC must fall below VRST and VBATT. For OUT switchover to VCC, VCC must be above VRST or
above VBATT.
Note 8:
Guaranteed by design. Not subject to production testing.
Note 9:
All values are referred to VIH (MIN) and VIL(MAX) levels.
Note 10: Minimum SCL clock frequency is limited by the MAX6917 bus timeout feature, which resets the serial bus interface if either
SDA or SCL is held low for 1s to 2s. When using the burst read or write command, all 96 bytes of RAM must be read/written
within the timeout period. See the Timeout Feature section.
Note 11: A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH(MIN) of the SCL signal) to
bridge the undefined region of the falling edge of SCL.
Note 12: Cb is the total capacitance of one bus line in pF.
Note 13: The maximum tF for the SDA and SCL bus lines is specified at 300ns. The maximum fall time for the SDA output stage tF is
specified at 250ns. This allows series-protection resistors to be connected between the SDA/SCL pins and the SDA/SCL bus
lines without exceeding the maximum specified tF.
Note 14: The maximum tHD:DAT only has to be met if the device does not stretch the LOW period (tLOW) of the SCL signal.


Similar Part No. - MAX6917EO33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX691 MAXIM-MAX691 Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX6910EO30 MAXIM-MAX6910EO30 Datasheet
779Kb / 33P
   I2C-Compatible Real-Time Clocks with uP Supervisor and NV RAM Controller
19-3322; Rev 0; 8/04
MAX6910EO33 MAXIM-MAX6910EO33 Datasheet
779Kb / 33P
   I2C-Compatible Real-Time Clocks with uP Supervisor and NV RAM Controller
19-3322; Rev 0; 8/04
MAX6916 MAXIM-MAX6916 Datasheet
338Kb / 28P
   SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
MAX6916EO30 MAXIM-MAX6916EO30 Datasheet
338Kb / 28P
   SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
More results

Similar Description - MAX6917EO33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6916 MAXIM-MAX6916_05 Datasheet
338Kb / 28P
   SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
MAX6909 MAXIM-MAX6909 Datasheet
779Kb / 33P
   I2C-Compatible Real-Time Clocks with uP Supervisor and NV RAM Controller
19-3322; Rev 0; 8/04
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
logo
STMicroelectronics
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
logo
Maxim Integrated Produc...
DS1308 MAXIM-DS1308_V01 Datasheet
643Kb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
DS1308 MAXIM-DS1308 Datasheet
1Mb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
Rev 0; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com