Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5087BATE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5087BATE
Description  45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5087BATE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5087BATE Datasheet HTML 1Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 2Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 3Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 4Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 5Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 6Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 7Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 8Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
45V, 400mA, Low-Quiescent-Current
Linear Regulator with Adjustable Reset Delay
_______________________________________________________________________________________
5
INPUT VOLTAGE STEP RESPONSE
MAX5087 toc10
400
μs/div
VOUT
AC-COUPLED
500mV/div
26V
6.5V
VIN
10V/div
IOUT = 50mA
STARTUP RESPONSE
MAX5087 toc11
400
μs/div
VOUT
2V/div
VIN
10V/div
IOUT = 5mA
0V
0V
ENABLE STARTUP RESPONSE
MAX5087 toc12
100
μs/div
EN
1V/div
VOUT
2V/div
VIN = 14V
IOUT = 0
0V
0V
ENABLE STARTUP RESPONSE
MAX5087 toc13
100
μs/div
EN
1V/div
VOUT
2V/div
VIN = 14V
IOUT = 400mA
0V
0V
ENABLE STARTUP RESPONSE
MAX5087 toc14
100
μs/div
EN
1V/div
VOUT
2V/div
VIN = 45V
IOUT = 0
0V
0V
ENABLE STARTUP RESPONSE
MAX5087 toc15
100
μs/div
EN
1V/div
VOUT
2V/div
VIN = 45V
IOUT = 400mA
0V
0V
SHUTDOWN RESPONSE
MAX5087 toc16
20ms/div
EN
1V/div
VOUT
2V/div
IOUT = 5mA
0V
0V
GROUND CURRENT DISTRIBUTION
(TA = -40
°C)
IGND (
μA)
65
64
54 55 56 57 58
60 61 62
59
63
5
10
15
20
25
30
35
40
0
51 52 53
150 UNITS
TESTED
GROUND CURRENT DISTRIBUTION
(TA = +125
°C)
IGND (
μA)
74 75 76
73
63 65 66
68 69 70
67
72
71
5
10
15
20
25
30
35
40
0
150 UNITS
TESTED
Typical Operating Characteristics (continued)
(VIN = VEN = 14V, CIN = 47µF (low ESR) COUT = 15µF, VOUT = 5V, SET = GND, TA = +25°C, unless otherwise specified.)


Similar Part No. - MAX5087BATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5087BATE++ MAXIM-MAX5087BATE+ Datasheet
1Mb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3964; Rev 6; 5/14
MAX5087BATE/V++ MAXIM-MAX5087BATE/V+ Datasheet
1Mb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3964; Rev 6; 5/14
More results

Similar Description - MAX5087BATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5087 MAXIM-MAX5087_14 Datasheet
1Mb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3964; Rev 6; 5/14
MAX5087 MAXIM-MAX5087 Datasheet
294Kb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 4; 4/13
MAX5086 MAXIM-MAX5086_08 Datasheet
323Kb / 13P
   45V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 2; 2/08
MAX5086AATN MAXIM-MAX5086AATN Datasheet
1Mb / 15P
   65V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3878; Rev 1; 7/06
logo
Infineon Technologies A...
IFX30081SJV INFINEON-IFX30081SJV_15 Datasheet
1Mb / 25P
   50mA, Adjustable Linear Voltage Regulator with Ultra Low Quiescent Current
Rev. 1.0, 2015-02-04
logo
Monolithic Power System...
MP2019 MPS-MP2019 Datasheet
826Kb / 16P
   40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
E-CMOS Corporation
EC6209 E-CMOS-EC6209 Datasheet
1Mb / 24P
   250mA Low- Quiescent Current Linear Regulator
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
logo
Taiwan Semiconductor Co...
TS19603 TSC-TS19603 Datasheet
152Kb / 6P
   400mA High Voltage Adjustable Current Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com