Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6482BL33AD3 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6482BL33AD3
Description  300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6482BL33AD3 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6482BL33AD3 Datasheet HTML 1Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 2Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 3Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 4Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 5Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX6469–MAX6484 are low-dropout linear regula-
tors with a fully integrated microprocessor reset circuit.
Each is available with preset output voltages from +1.5V
to +3.3V in 100mV increments and delivers up to 300mA
of load current. These devices consume only 82µA of
supply current. The low supply current, low dropout volt-
age, and integrated reset functionality make these
devices ideal for battery-powered portable equipment.
The MAX6469–MAX6484 include a reset output that indi-
cates when the regulator output drops below standard
microprocessor supply tolerances (-7.5% or -12.5% of
nominal output voltage). This eliminates the need for an
external microprocessor supervisor, while ensuring that
supply voltages and clock oscillators have stabilized
before processor activity is enabled. Push-pull and open-
drain active-low reset outputs are available, with reset
timeout periods of 2.5ms, 20ms, 150ms, or 1200ms (min).
The MAX6469/MAX6470/MAX6473–MAX6478/MAX6481–
MAX6484 also have a shutdown feature that reduces the
supply current to 0.1µA (typ). The MAX6471–MAX6474/
MAX6479–MAX6482 offer a manual reset input to assert a
microprocessor reset while the regulator output is within
specification. The MAX6475/MAX6476/MAX6483/
MAX6484 feature a remote feedback sense pin for use
with an external NPN transistor for higher-current applica-
tions. The MAX6469–MAX6476 are available in 6-pin
SOT23 and 8-pin TDFN packages. The MAX6477–
MAX6484 are available in a 3 × 3 chip-scale package
(UCSP™). All devices are specified for operation from
-40°C to +85°C.
Applications
Handheld Instruments (PDAs, Palmtops)
PCMCIA Cards/USB Devices
Cellular/Cordless Telephones
CD/DVD Drives
Notebook Computers
Digital Cameras
Bluetooth Modules/Wireless LAN
Features
♦ 3 3 UCSP, 6-Pin SOT23, and 8-Pin TDFN
Packages
♦ Preset +1.5V to +3.3V Output (100mV Increments)
♦ SET Pin for Adjustable Output Voltage
♦ 75μVRMS LDO Output Voltage Noise
(MAX6477–MAX6484)
♦ ±2.0% Accuracy Over Temperature
♦ Guaranteed 300mA Output Current
♦ Low Dropout Voltage
55mV at 150mA
114mV at 300mA
♦ 82μA Supply Current, 0.1μA Shutdown Current
♦ Input Reverse Current, Thermal and Short-Circuit
Protection
♦ Microprocessor Reset with Four Timeout Options
♦ Push-Pull or Open-Drain RESET
♦ Manual Reset Input
♦ Remote Feedback Sense
300mA LDO Linear Regulators with
Internal Microprocessor Reset Circuit
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2532; Rev 5; 12/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
MAX6469UT_ _ _D_-T
-40°C to +85°C
6 SOT23-6
MAX6469TA_ _ _D_-T*
-40°C to +85°C
8 TDFN-8
MAX6470UT_ _ _D_-T
-40°C to +85°C
6 SOT23-6
MAX6470TA_ _ _D_-T*
-40°C to +85°C
8 TDFN-8
Note: The first “_ _”are placeholders for the output voltage levels
of the devices. Desired output voltages are set by the suffix found
in the Output Voltage Suffix Guide (Table 1). The third “_” is a
placeholder for the reset threshold accuracy. Desired reset
threshold accuracy is set by the suffix found in the Reset
Threshold Accuracy Guide (Table 2). The “_” following the D is a
placeholder for the reset timeout delay time. Desired reset timeout
delay time is set by the suffix found in the Reset Timeout Delay
Guide (Table 3). For example, the MAX6481BL30BD4-T has a
3.0V output voltage, 12.5% reset threshold tolerance, and a
1200ms (min) reset timeout delay. Sample stock is generally avail-
able on standard versions only (Table 4). Standard versions
require a minimum order increment of 2.5k units. Nonstandard
versions must be ordered in 10k-unit increments. Contact factory
for availability.
Ordering Information continued at end of data sheet.
Pin Configurations appear at end of data sheet.
Typical Operating Circuits appear at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
*Future product—contact factory for availability.
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX6482BL33AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6482BL33AD3 MAXIM-MAX6482BL33AD3 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
More results

Similar Description - MAX6482BL33AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX6349THUT MAXIM-MAX6349THUT Datasheet
434Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 3; 3/04
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com