Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5900 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5900
Description  100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5900 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5900 Datasheet HTML 4Page - Maxim Integrated Products MAX5900 Datasheet HTML 5Page - Maxim Integrated Products MAX5900 Datasheet HTML 6Page - Maxim Integrated Products MAX5900 Datasheet HTML 7Page - Maxim Integrated Products MAX5900 Datasheet HTML 8Page - Maxim Integrated Products MAX5900 Datasheet HTML 9Page - Maxim Integrated Products MAX5900 Datasheet HTML 10Page - Maxim Integrated Products MAX5900 Datasheet HTML 11Page - Maxim Integrated Products MAX5900 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Power-Good Output
The power-good output, PGOOD (PGOOD), is open-
drain and asserts when the external MOSFET is fully
enhanced and VDS is less than VPG (75% of the circuit-
breaker threshold, VCB). For versions without the circuit-
breaker function (MAX5900N/MAX5901N), PGOOD
(PGOOD) asserts when the external MOSFET is fully
enhanced.
PGOOD (PGOOD) deasserts within 2µs when a circuit-
breaker event occurs or if the die temperature exceeds
+125°C. PGOOD (PGOOD) deasserts if |VEE| < |VUVLO|
for longer than 20ms or ON/OFF is held low for longer
than 20ms.
The MAX5900 PGOOD is active-low and the MAX5901
PGOOD is active-high. Both are open-drain N-channel
MOSFETs with their sources connected to VEE, and can
withstand up to 100V.
Selecting a Circuit-Breaker Threshold
The MAX5900A/MAX5901A and the MAX5900L/
MAX5901L offer a circuit-breaker function to protect the
external MOSFET and the load from the potentially
damaging effects of excessive current. As load current
flows through the external MOSFET, a voltage, VDS, is
generated from drain to source due to the MOSFET’s
on-resistance RDS(ON). The MAX5900A/MAX5901A and
MAX5900L/MAX5901L monitor VDS when the external
MOSFET is fully enhanced. If VDS exceeds the circuit-
breaker threshold, the external MOSFET is turned off
and PGOOD (PGOOD) is deasserted.
To accommodate different MOSFETs and different load
currents, the MAX5900/MAX5901 are available with cir-
cuit-breaker threshold voltages of 200mV, 300mV, and
400mV.
The circuit-breaker function is intended to disconnect
the load if a gross overcurrent or short-circuit condition
occurs. For calculating the circuit-breaker threshold,
use the MOSFET’s RON at the worst possible operating
condition, and add a 25% overcurrent margin to the
maximum circuit current. For instance, if a MOSFET has
an RON of 0.06
Ω at TA = +25°C, and a normalized on-
resistance factor of 1.75 at TA = +130°C (from the
MOSFET data sheet), the RON used for calculation is
the product of these two numbers, or (0.06
Ω) x (1.75) =
0.105
Ω. Then, if the maximum current is expected to be
2A, using a 25% margin, the current for calculation is
(2A) x (1.25) = 2.5A. The resulting minimum circuit-
breaker threshold is then the product of these two
results, or (0.105
Ω) x (2.5A) = 0.263V. The next highest
minimum available threshold is 0.265V of the
MAX590_ _BEUT, which is an ideal choice given these
parameters. Using this method to choose a circuit-
breaker threshold allows the circuit to operate under
worst-case conditions without causing a circuit-breaker
fault, but the circuit-breaker function will still operate if a
short-circuit or gross overcurrent condition occurs. See
Table 1 for MOSFET suggestions. The MAX5900N/
MAX5901N have no circuit-breaker function. For these
parts choose an external MOSFET that meets the load
requirements.
Determining Inrush Current
Determining a circuit’s inrush current is necessary to
help choose the proper MOSFET. The MAX5900/
MAX5901 regulate the inrush current by means of con-
trolling the load voltage slew rate, but inrush current is
also a function of load capacitance. Determine inrush
current using:
where C is the load capacitance, and SR is the
MAX5900/MAX5901
Load
Voltage
Slew-Rate
Magnitude from the Electrical Characteristics table. For
example, assuming a load capacitance of 100µF, and
using the typical value of 10V/ms for the slew rate, the
inrush current is 1A typical.
If the maximum possible Load Voltage Slew Rate is
used, the maximum inrush current calculates to 1.7A.
Choose a MOSFET with a maximum pulsed current
specification that exceeds the maximum inrush current.
-100V, SOT23/TDFN, Simple Swapper
Hot-Swap Controllers
8
_______________________________________________________________________________________
MAXIMUM
ILOAD (A)
SUGGESTED
EXTERNAL
MOSFET
SUGGESTED
MAXIM PART
0.25
IRFL110
MAX590_ _CEUT
0.5
IRFL4310
MAX590_ _BEUT
1
IRFR3910
MAX590_ _CEUT
2
IRF540NS
MAX590_ _BEUT
3
IRF1310NS
MAX590_ _BEUT
4
IRF1310NS
MAX590_ _CEUT
Suggested External MOSFETs
VIN = -9V to -90V
IS
== ×
C
dV
dt
CR


Similar Part No. - MAX5900

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5900AAETT-T MAXIM-MAX5900AAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900AAETT-T MAXIM-MAX5900AAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900AAEUT-T MAXIM-MAX5900AAEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900AAEUT-T MAXIM-MAX5900AAEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
More results

Similar Description - MAX5900

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
   60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com