Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16027TP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16027TP
Description  Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16027TP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16027TP Datasheet HTML 6Page - Maxim Integrated Products MAX16027TP Datasheet HTML 7Page - Maxim Integrated Products MAX16027TP Datasheet HTML 8Page - Maxim Integrated Products MAX16027TP Datasheet HTML 9Page - Maxim Integrated Products MAX16027TP Datasheet HTML 10Page - Maxim Integrated Products MAX16027TP Datasheet HTML 11Page - Maxim Integrated Products MAX16027TP Datasheet HTML 12Page - Maxim Integrated Products MAX16027TP Datasheet HTML 13Page - Maxim Integrated Products MAX16027TP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Applications Information
Tolerance
The MAX16025–MAX16030 feature a pin-selectable
threshold tolerance. Connect TOL to GND to select the
thresholds 5% below the nominal value. Connect TOL to
VCC to select the threshold tolerance 10% below the
nominal voltage. Do not leave TOL unconnected.
Adjustable Input
These devices offer several monitoring options with
both fixed and/or adjustable reset thresholds (see
Table 2). For the adjustable threshold inputs, the
threshold voltage (VTH) at each adjustable IN_ input is
typically 0.5V (TOL = GND) or 0.472V (TOL = VCC). To
monitor a voltage VINTH, connect a resistive divider net-
work to the circuit as shown in Figure 3 and use the fol-
lowing equation to calculate the threshold voltage:
Choosing the proper external resistors is a balance
between accuracy and power use. The input to the volt-
age monitor is a high-impedance input with a small
100nA leakage current. This leakage current con-
tributes to the overall error of the threshold voltage
where the output is asserted. This induced error is pro-
portional to the value of the resistors used to set the
threshold. With lower value resistors, this error is
reduced, but the amount of power consumed in the
resistors increases.
The following equation is provided to help estimate the
value of the resistors based on the amount of accept-
able error:
where eA is the fraction of the maximum acceptable
absolute resistive divider error attributable to the input
leakage current (use 0.01 for ±1%), VINTH is the volt-
age at which the output (OUT_) should assert, and IL is
the worst-case IN_ leakage current (see the
Electrical
Characteristics). Calculate R2 as follows:
Unused Inputs
Connect any unused IN_ and EN_ inputs to VCC.
OUT_ Output
An OUT_ goes low when its respective IN_ input voltage
drops below its specified threshold or when its EN_ goes
low (see Table 1). OUT_ goes high when EN_ is high and
VIN_ is above its threshold after a time delay. The
MAX16025/MAX16027/MAX16029 feature open-drain,
outputs while the MAX16026/MAX16028/MAX16030
have push-pull outputs. Open-drain outputs require an
external pullup resistor to any voltage from 0 to 28V.
RESET Output
RESET asserts low when any of the monitored voltages
(IN_) falls below its respective threshold, any EN_ goes
low, or
MR is asserted. RESET remains asserted for the
reset timeout period after all of the monitored voltages
exceed their respective threshold, all EN_ are high, all
OUT_ are high, and
MR is deasserted. The MAX16025/
MAX16027/MAX16029 have an open-drain, active-low
reset output, while the MAX16026/MAX16028/
MAX16030 have a push-pull, active-low reset output.
Open-drain
RESET requires an external pullup resistor to
any voltage from 0 to 28V.
Adjustable Reset Timeout Period
(CRESET)
All of these parts offer an internally fixed reset timeout
(140ms min) by connecting CRESET to VCC. The reset
timeout can also be adjusted by connecting a capaci-
tor from CRESET to GND. When the voltage at CRESET
reaches 0.5V,
RESET goes high. When RESET goes
high, CRESET is immediately held low.
R
VR
VV
TH
INTH
TH
2
1
=
×
R
eV
I
A
INTH
L
1 =
×
VV
R
R
INTH
TH
=× +
⎝⎜
⎠⎟
1
1
2
Dual-/Triple-/Quad-Voltage, Capacitor-
Adjustable, Sequencing/Supervisory Circuits
10
______________________________________________________________________________________
IN_
VTH
VINTH
R1 = R2 x
(
)
VINTH
VTH
R1
R2
MAX16025–
MAX16030
-1
Figure 3. Setting the Adjustable Input


Similar Part No. - MAX16027TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
MAX16020 MAXIM-MAX16020 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020 MAXIM-MAX16020 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16020 MAXIM-MAX16020 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
More results

Similar Description - MAX16027TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com