Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7390srff Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7390srff
Description  Microcontroller Clock Generator with Watchdog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7390srff Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7390srff Datasheet HTML 1Page - Maxim Integrated Products MAX7390srff Datasheet HTML 2Page - Maxim Integrated Products MAX7390srff Datasheet HTML 3Page - Maxim Integrated Products MAX7390srff Datasheet HTML 4Page - Maxim Integrated Products MAX7390srff Datasheet HTML 5Page - Maxim Integrated Products MAX7390srff Datasheet HTML 6Page - Maxim Integrated Products MAX7390srff Datasheet HTML 7Page - Maxim Integrated Products MAX7390srff Datasheet HTML 8Page - Maxim Integrated Products MAX7390srff Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX7389/MAX7390 replace ceramic resonators,
crystals, and supervisory functions for microcontrollers
in 3.3V and 5V applications.
The MAX7389/MAX7390 provide a clock source, reset,
and watchdog functions. The watchdog timer is pin pro-
grammable and provides watchdog timeout values in
the 16ms to 2048ms range. The MAX7389 provides a
separate watchdog output that is used as a status indi-
cator or to control safety-critical system elements.
The MAX7390 features a clock-speed select that
reduces the output frequency by half. This functionality
allows the microcontroller to operate at reduced power
and may be used to extend the time available to per-
form housekeeping tasks, such as writing data to flash
during a power failure.
The MAX7389/MAX7390 clock outputs are factory pro-
grammed to a frequency in the 1MHz to 16MHz range.
Four standard frequencies are available. Other frequen-
cies are available upon request. The maximum operating
supply current is 5.5mA with a clock frequency of 12MHz.
Unlike typical crystal and ceramic resonator oscillator
circuits, the MAX7389/MAX7390 are resistant to EMI
and vibration, and operate reliably at high tempera-
tures. The high-output drive current and absence of
high-impedance nodes make the oscillator invulnerable
to dirty or humid operating conditions.
The MAX7389/MAX7390 are available in an 8-pin µMAX®
package. The MAX7389/MAX7390 standard operating
temperature range is from -40°C to +125°C.
Applications
White Goods
Handheld Products
Automotive
Portable Equipment
Appliances and Controls
Microcontroller Systems
Features
♦ Robust Microcontroller Clock and Supervisor in a
Single Package
♦ Integrated Reset and Watchdog Functions
♦ Pin-Programmable Watchdog Timeout
♦ Speed Select
♦ +2.7V to +5.5V Operation
♦ Factory-Trimmed Oscillator
♦ Reset Valid Down to 1.1V Supply Voltage
♦ ±10mA Clock-Output Drive Current
♦ ±4% Total Accuracy for -40°C to +125°C
♦ ±2.75% Total Accuracy for 0°C to +85°C
♦ 5.5mA Operating Current (12MHz Version)
♦ -40°C to +125°C Temperature Range
♦ 8-Pin µMAX Surface-Mount Package
♦ 1MHz to 16MHz Factory Preset Frequency
Microcontroller Clock Generator with
Watchdog
________________________________________________________________ Maxim Integrated Products
1
19-3897; Rev 1; 2/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
RST/RST
TOP VIEW
µMAX
WDI
WDO
GND
1
2
8
7
CLOCK
WDS1
WDS2
VCC
3
4
6
5
MAX7389
Pin Configurations
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX7389srff
-40
oC to +125oC
8 µMAX
U8-1
MAX7390srff
-40
oC to +125oC
8 µMAX
U8-1
Note: “s” is a placeholder for the reset output type. Insert the
symbol found in Table 3 in the place of “s.” “r” is a placeholder
for the power-on reset (POR) voltage. Insert the symbol found in
Table 2 in the place of “r.” “ff” is a placeholder for the nominal
output frequency. Insert the symbol found in Table 4 in the
place of “ff.” For example, MAX7389CMTP describes a device
with 4.38V reset level, open-collector RST output, and a clock
output frequency of 8MHz.
Typical Application Circuit, Functional Diagram, and Selector
Guide appear at end of data sheet.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
WDI
SPEED
GND
1
2
8
7
CLOCK
RST/RST
WDS1
WDS2
VCC
TOP VIEW
3
4
6
5
MAX7390
µMAX


Similar Part No. - MAX7390srff

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7390 MAXIM-MAX7390 Datasheet
278Kb / 10P
   Speed-Switching Clock Generator with Power Fail
Rev 0; 1/06
More results

Similar Description - MAX7390srff

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
   6-Output Clock Generator with 6-Output Clock Generator with
REV. B
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
logo
Maxim Integrated Produc...
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
logo
Dallas Semiconductor
DS1558 DALLAS-DS1558 Datasheet
492Kb / 18P
   Watchdog Clock with NV RAM Control
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Cypress Semiconductor
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
logo
Cypress Semiconductor
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8158A AKM-AK8158A Datasheet
326Kb / 10P
   Multi Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com