Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16031ETM+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16031ETM+
Description  EEPROM-Based System Monitors with Nonvolatile Fault Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16031ETM+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16031ETM+ Datasheet HTML 1Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 2Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 3Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 4Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
EEPROM-Based System Monitors
with Nonvolatile Fault Memory
_______________________________________________________________________________________
3
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.9V to 14V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at VCC = 3.3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ............................................................-0.3V to +15V
IN_, FAULT_, SCL, SDA, OVERT to GND.................-0.3V to +6V
A0, A1, TCK, TMS, TDI to GND ................................-0.3V to +6V
OVERC, RESET, GPIO_, ALERT to GND..................-0.3V to +6V
RBP, ABP, DBP to GND ...-0.3V to lower of (6V and VCC + 0.3V)
TDO, DXP1, DXP2 to GND..........................-0.3V to VDBP + 0.3V
CS+, CS- to GND ...................................................-0.3V to +30V
(CS+ - CS-) ............................................................................±5V
DXN1, DXN2 to GND.............................................-0.3V to +0.8V
SDA, ALERT Current ...........................................-1mA to +50mA
DXN1, DXN2 Current ............................................................1mA
Input/Output Current
(all except DXN1, DXN2, SDA, and ALERT) ..................20mA
Continuous Power Dissipation (TA = +70°C)
48-Pin, 7mm x 7mm TQFN
(derate 27.8mW/°C above +70°C) ........................2222.2mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+250°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
2.90
14.00
V
Undervoltage Lockout
VUVLO
Minimum voltage at VCC
to access the digital interfaces
2.8
V
Undervoltage Lockout Hysteresis
VUVLOHYS
100
mV
Supply Current
ICC
Static (EEPROM not accessed)
3
5
mA
ADC DC ACCURACY
Resolution
10
Bits
Total Unadjusted Error
TA = -40°C to +85°C
0.9
% FSR
Integral Nonlinearity
1
LSB
Differential Nonlinearity
1
LSB
ADC Total Monitoring Cycle Time
tCYCLE
Eight supply inputs, three temperatures,
and current sense
80
100
µs
Register map bit set to 00
(LSB = 5.46mV)
5.6
Register map bit set to 01
(LSB = 2.73mV)
2.8
ADC IN_ Voltage Ranges
Register map bit set to 10
(LSB = 1.36mV)
1.4
V
Reference Voltage
VRBP
1.306
1.4
1.414
V
IN_ ANALOG INPUT
Absolute Input Voltage Range
(Referenced to GND)
0
5.6
V
Input Impedance
30
50
80
k


Similar Part No. - MAX16031ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16031ETM MAXIM-MAX16031ETM Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
More results

Similar Description - MAX16031ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
logo
Siemens Semiconductor G...
SDA2526-2 SIEMENS-SDA2526-2 Datasheet
1,019Kb / 12P
   NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com