Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1553WP-120+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1553WP-120+
Description  64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1553WP-120+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1553WP-120+ Datasheet HTML 1Page - Maxim Integrated Products DS1553WP-120+ Datasheet HTML 2Page - Maxim Integrated Products DS1553WP-120+ Datasheet HTML 3Page - Maxim Integrated Products DS1553WP-120+ Datasheet HTML 4Page - Maxim Integrated Products DS1553WP-120+ Datasheet HTML 5Page - Maxim Integrated Products DS1553WP-120+ Datasheet HTML 6Page - Maxim Integrated Products DS1553WP-120+ Datasheet HTML 7Page - Maxim Integrated Products DS1553WP-120+ Datasheet HTML 8Page - Maxim Integrated Products DS1553WP-120+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 of 20
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS1553 is a full-function, year-2000-
compliant (Y2KC) real-time clock/calendar (RTC)
with an RTC alarm, watchdog timer, power-on
reset, battery monitor, and 8k x 8 nonvolatile static
RAM. User access to all registers within the
DS1553 is accomplished with a byte-wide
interface as shown in Figure 1. The RTC registers
contain century, year, month, date, day, hours,
minutes, and seconds data in 24-hour BCD format.
Corrections for day of month and leap year are
made automatically.
Pin Configurations appear at end of data sheet.
FEATURES
Integrated NV SRAM, RTC, Crystal, Power-Fail
Control Circuit, and Lithium Energy Source
Clock Registers are Accessed Identically to the
Static RAM; These Registers are Resident in the
16 Top RAM Locations
Totally Nonvolatile with Over 10 Years of
Operation in the Absence of Power
Precision Power-On Reset
Programmable Watchdog Timer and RTC Alarm
BCD-Coded Year, Month, Date, Day, Hours,
Minutes, and Seconds with Automatic Leap Year
Compensation Valid Up to the Year 2100
Battery Voltage Level Indicator Flag
Power-Fail Write Protection Allows for
10%
VCC Power-Supply Tolerance
Lithium Energy Source is Electrically
Disconnected to Retain Freshness Until Power is
Applied for the First Time
ORDERING INFORMATION
PART
VOLTAGE (V)
TEMP RANGE
PIN-PACKAGE
TOP MARK**
DS1553-85+
5.0
0°C to +70°C
28 EDIP (0.740)
DS1553+85
DS1553-100+
5.0
0°C to +70°C
28 EDIP (0.740)
DS1553+100
DS1553W-120+
3.3
0°C to +70°C
28 EDIP (0.740)
DS1553W+120
DS1553W-150+
3.3
0°C to +70°C
28 EDIP (0.740)
DS1553W+150
DS1553P-85+
5.0
0°C to +70°C
34 PowerCap*
DS1553P+85
DS1553P-100+
5.0
0°C to +70°C
34 PowerCap*
DS1553P+100
DS1553WP-120+
3.3
0°C to +70°C
34 PowerCap*
DS1553WP+120
DS1553WP-150+
3.3
0°C to +70°C
34 PowerCap*
DS1553WP+150
DS9034PCX+
3
0°C to +70°C
DS9034PCX
+Denotes a lead(Pb)-free/RoHS-compliant package.
*PowerCap required, must be ordered separately
**A “+” symbol anywhere on the top mark indicates a lead(Pb)-free package.
DS1553
64kB, Nonvolatile, Year-2000-Compliant
Timekeeping RAM
www.maxim-ic.com
19-5480; Rev 8/10


Similar Part No. - DS1553WP-120+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1553 DALLAS-DS1553 Datasheet
435Kb / 19P
   64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
logo
Maxim Integrated Produc...
DS1553P/YP/WP MAXIM-DS1553P/YP/WP Datasheet
114Kb / 5P
   PowerCap with Crystal
Rev 10/10
More results

Similar Description - DS1553WP-120+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1553 DALLAS-DS1553 Datasheet
435Kb / 19P
   64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
logo
Maxim Integrated Produc...
DS1556 MAXIM-DS1556_10 Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
logo
Dallas Semiconductor
DS1556 DALLAS-DS1556 Datasheet
514Kb / 20P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com