Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6484BL33AD3 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6484BL33AD3
Description  300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6484BL33AD3 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6484BL33AD3 Datasheet HTML 1Page - Maxim Integrated Products MAX6484BL33AD3 Datasheet HTML 2Page - Maxim Integrated Products MAX6484BL33AD3 Datasheet HTML 3Page - Maxim Integrated Products MAX6484BL33AD3 Datasheet HTML 4Page - Maxim Integrated Products MAX6484BL33AD3 Datasheet HTML 5Page - Maxim Integrated Products MAX6484BL33AD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6484BL33AD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6484BL33AD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6484BL33AD3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
300mA LDO Linear Regulators with Internal
Microprocessor Reset Circuit
4
_______________________________________________________________________________________
Note 2: All devices are 100% production tested at +25°C and are guaranteed by correlation for TA = TMIN to TMAX.
Note 3: Guaranteed by design.
Note 4: Dropout voltage is defined as (VIN - VOUT) when VOUT is 2% below the value of VOUT for VIN = VOUT(NOM) + 1V.
Note 5: MAX6473/MAX6474/MAX6481/MAX6482 are guaranteed by design for VOUT < 2.5V.
Note 6: Select the reset timeout period using the Reset Timeout Delay Guide (Table 3). Insert the appropriate suffix in the part number
when ordering.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = (VOUT + 0.5V) or +2.5V, whichever is greater, COUT = 3.3µF, TA = -40°C to +85°C. Typical specifications are at TA = +25°C,
unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MR Input Low Voltage
VIL
0.3
×
VOUT
V
MR Input High Voltage
VIH
(Note 3)
0.7
×
VOUT
V
MR Minimum Input Pulse
1µs
MR Glitch Rejection
120
ns
MR to Reset Delay
200
ns
MR Pullup Resistance
MR to OUT
25
40
70
k
Ω
VOUT
≥ 1.0V, ISINK = 50µA, RESET asserted
0.3
RESET Output Voltage
(Open Drain)
VOL
VOUT
≥ 1.5V, ISINK = 3.2mA, RESET asserted
0.4
V
Open-Drain Reset Output
Leakage Current
ILKG
(Note 3)
1µA
VOUT
≥ 1.0V, ISINK = 50µA, RESET asserted
0.3
VOL
VOUT
≥ 1.5V, ISINK = 3.2mA, RESET asserted
0.4
RESET Output Voltage Push-Pull
VOH
VOUT
≥ 2.0V, ISOURCE = 500µA, RESET
deasserted
0.8
×
VOUT
V
GROUND CURRENT vs. INPUT VOLTAGE
(NO LOAD)
INPUT VOLTAGE (V)
5
4
3
2
1
20
40
60
80
100
120
0
06
+85°C
+25°C
-40°C
GROUND CURRENT vs. INPUT VOLTAGE
(300mA LOAD)
INPUT VOLTAGE (V)
20
40
60
80
100
120
0
5
4
3
2
1
06
+85°C
+25°C
-40°C
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (mV)
10
25
50
75
100
125
150
0
1100
RESET ASSERTS ABOVE
THIS LINE
Typical Operating Characteristics
(VIN = 5V, VOUT = 3.3V, COUT = 3.3µF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6484BL33AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6484BL33AD3 MAXIM-MAX6484BL33AD3 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
More results

Similar Description - MAX6484BL33AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX6349THUT MAXIM-MAX6349THUT Datasheet
434Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 3; 3/04
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com