Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX690_MJA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX690_MJA
Description  3.0V/3.3V Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690_MJA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX690_MJA Datasheet HTML 1Page - Maxim Integrated Products MAX690_MJA Datasheet HTML 2Page - Maxim Integrated Products MAX690_MJA Datasheet HTML 3Page - Maxim Integrated Products MAX690_MJA Datasheet HTML 4Page - Maxim Integrated Products MAX690_MJA Datasheet HTML 5Page - Maxim Integrated Products MAX690_MJA Datasheet HTML 6Page - Maxim Integrated Products MAX690_MJA Datasheet HTML 7Page - Maxim Integrated Products MAX690_MJA Datasheet HTML 8Page - Maxim Integrated Products MAX690_MJA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3.0V/3.3V Microprocessor Supervisory Circuits
_______________________________________________________________________________________
5
5
0
–60
–20
60
140
VCC-to-VOUT ON-RESISTANCE
vs. TEMPERATURE
1
4
TEMPERATURE (°C)
20
100
–40
0
80
40
120
3
2
VCC = 5V
VCC = 3.3V
VCC = 2.5V
VBATT = 3.0V
180
20
–60
–20
60
140
VBATT-to-VOUT ON-RESISTANCE
vs. TEMPERATURE
60
TEMPERATURE (°C)
20
100
–40
0
80
40
120
140
100
VCC = 0V
VBATT = 3.3V
VBATT = 3V
VBATT = 2V
VBATT = 5V
50
25
–60
–20
60
140
SUPPLY CURRENT
vs. TEMPERATURE
30
45
TEMPERATURE (°C)
20
100
–40
0
80
40
120
40
35
VCC = 5V
VCC = 3.3V
VCC = 2.5V
VBATT = 3V
PFI = GND
MR/WDI FLOATING
10,000
0.1
–60
–20
60
140
BATTERY SUPPLY CURRENT
vs. TEMPERATURE
1
1000
TEMPERATURE (°C)
20
100
–40
0
80
40
120
100
10
VBATT = 3V
VBATT = 5V
VBATT = 2V
VCC = 0V
PFI = GND
1.240
1.230
–60
–20
60
140
PFI THRESHOLD
vs. TEMPERATURE
1.232
1.238
TEMPERATURE (°C)
20
100
–40
0
80
40
120
1.236
1.234
VCC = 5V
VCC = 3.3V
VCC = 2.5V
VBATT = 3.0V
216
196
–60
–20
60
140
RESET TIMEOUT PERIOD
vs. TEMPERATURE
200
212
TEMPERATURE (°C)
20
100
–40
0
80
40
120
208
204
VCC = 5V
VCC = 3.3V
VBATT = 3.0V
30
10
–60
–20
60
140
RESET-COMPARATOR PROPAGATION
DELAY vs. TEMPERATURE
14
26
TEMPERATURE (°C)
20
100
–40
0
80
40
120
22
18
VBATT = 3.0V
100mV OVERDRIVE
1.004
0.994
–60
–20
60
140
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
0.996
1.002
TEMPERATURE (°C)
20
100
–40
0
80
40
120
1.000
0.998
VBATT = 3.0V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX690_MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690AMJA MAXIM-MAX690AMJA Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
MAX690AMJA MAXIM-MAX690AMJA Datasheet
570Kb / 12P
   Microprocessor Supervisory Circuits
Rev 4; 12/05
MAX690AMJA MAXIM-MAX690AMJA Datasheet
556Kb / 13P
   Microprocessor Supervisory Circuits
2015
MAX690RMJA MAXIM-MAX690RMJA Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690SMJA MAXIM-MAX690SMJA Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
More results

Similar Description - MAX690_MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793 Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com