Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7390 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7390
Description  Speed-Switching Clock Generator with Power Fail
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7390 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7390 Datasheet HTML 1Page - Maxim Integrated Products MAX7390 Datasheet HTML 2Page - Maxim Integrated Products MAX7390 Datasheet HTML 3Page - Maxim Integrated Products MAX7390 Datasheet HTML 4Page - Maxim Integrated Products MAX7390 Datasheet HTML 5Page - Maxim Integrated Products MAX7390 Datasheet HTML 6Page - Maxim Integrated Products MAX7390 Datasheet HTML 7Page - Maxim Integrated Products MAX7390 Datasheet HTML 8Page - Maxim Integrated Products MAX7390 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX7391 replaces ceramic resonators, crystals,
and supervisory functions for microcontrollers in 3.3V
and 5V applications.
The MAX7391 provides a clock source, reset, and
power-fail functions. The programmable power-fail func-
tion provides early warning of power failure and is con-
figurable to detect either an external voltage or the VCC
supply to the device.
The clock output can be switched between normal and
half-speed operation. This functionality allows the micro-
controller to operate at reduced power and may be
used to extend the time available to perform house-
keeping tasks, such as writing data to flash during a
power failure. Connecting the power-fail output to the
SPEED input reduces clock speed automatically during
power-fail events.
The MAX7391 clock output is factory programmed to a
frequency in the 1MHz to 16MHz range. Four standard
frequencies are available. Other frequencies are avail-
able upon request. The maximum operating supply cur-
rent is 5.5mA (typ) with a clock frequency of 12MHz.
Unlike typical crystal and ceramic resonator oscillator
circuits, the MAX7391 is resistant to EMI and vibration,
and operates reliably at high temperatures. The high-
output drive current and absence of high-impedance
nodes make the oscillator invulnerable to dirty or humid
operating conditions.
The MAX7391 is available in an 8-pin µMAX® package.
The MAX7391 standard operating temperature range is
from -40°C to +125°C.
Applications
White Goods
Automotive
Appliances and Controls
Handheld Products
Portable Equipment
Microcontroller Systems
Features
♦ Robust Microcontroller Clock and Supervisory
Functions in a Single Package
♦ Integrated Reset and Power-Fail Functions
♦ Speed Select
♦ +2.7V to +5.5V Operation
♦ Factory-Trimmed Oscillator
♦ Reset Valid Down to 1.1V Supply Voltage
♦ ±10mA Clock-Output Drive Current
♦ ±4% Total Accuracy for -40°C to +125°C
♦ ±2.75% Total Accurac for 0°C to +85°C
♦ 5.5mA Operating Current (12MHz Version)
♦ -40°C to +125°C Temperature Range
♦ Surface-Mount Package
♦ 1MHz to 16MHz Factory Preset Frequency Range
Speed-Switching Clock Generator
with Power Fail
________________________________________________________________ Maxim Integrated Products
1
19-3981; Rev 0; 1/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
SPEED
PFO
GND
1
2
8
7
CLOCK
RST/RST
VCC
N.C.
PFI
TOP VIEW
µMAX
3
4
6
5
MAX7391
Pin Configuration
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
PKG
CODE
MAX7391srff
-40°C to +125°C
8 µMAX
U8-1
Note: “s” is a placeholder for the reset output type. Insert the
symbol found in Table 2 in the place of “s.” “r” is a placeholder
for the power-on reset (POR) voltage. Insert the symbol found in
Table 1 in the place of “r.” “ff” is a placeholder for the nominal
output frequency. Insert the symbol found in Table 3 in the
place of “ff.” For example, MAX7391CMTP describes a device
with 4.38V reset level, open-collector RST output, and a clock
output frequency of 8MHz.
Typical Application Circuit, Functional Diagram, and Selector
Guide appear at end of data sheet.
µMAX is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX7390

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7390srff MAXIM-MAX7390srff Datasheet
295Kb / 11P
   Microcontroller Clock Generator with Watchdog
Rev 1; 2/06
More results

Similar Description - MAX7390

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8573 PHILIPS-PCF8573 Datasheet
198Kb / 24P
   Clock/calendar with Power Fail Detector
1997 Mar 28
logo
Renesas Technology Corp
M66239FP RENESAS-M66239FP Datasheet
301Kb / 24P
   High Speed Standard Clock Generator With Frequency Synthesizer
logo
Analog Devices
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
   6-Output Clock Generator with 6-Output Clock Generator with
REV. B
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
logo
ON Semiconductor
P1P40167 ONSEMI-P1P40167 Datasheet
118Kb / 8P
   Low Power Clock Generator with Spread Spectrum
August, 2012 ??Rev. 1
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Cypress Semiconductor
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
logo
Cypress Semiconductor
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
   MPEG Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com