Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8880 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8880
Description  12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8880 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8880_07 Datasheet HTML 2Page - Maxim Integrated Products MAX8880_07 Datasheet HTML 3Page - Maxim Integrated Products MAX8880_07 Datasheet HTML 4Page - Maxim Integrated Products MAX8880_07 Datasheet HTML 5Page - Maxim Integrated Products MAX8880_07 Datasheet HTML 6Page - Maxim Integrated Products MAX8880_07 Datasheet HTML 7Page - Maxim Integrated Products MAX8880_07 Datasheet HTML 8Page - Maxim Integrated Products MAX8880_07 Datasheet HTML 9Page - Maxim Integrated Products MAX8880_07 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
12V, Ultra-Low-IQ, Low-Dropout
Linear Regulators with POK
6
_______________________________________________________________________________________
Reverse Battery Protection
The MAX8880/MAX8881 have a unique protection
scheme that limits the reverse supply current to less
than 1mA when VIN is forced below ground. The circuit
monitors the polarity of IN, disconnecting the internal
circuitry and parasitic diodes when the battery is
reversed. This feature prevents the device from electri-
cal stress and damage when the battery is connected
backwards. If reverse battery protection is needed,
drive SHDN through a 100k
Ω resistor.
Current Limiting
The MAX8880/MAX8881 include a current limiter. When
the output is shorted to ground, drive to the output
PMOS is limited. The output can be shorted to ground
without damage to the part.
Thermal Overload Protection
Thermal overload protection limits total power dissipa-
tion in the MAX8880/MAX8881. When the internal junc-
tion temperature exceeds TJ = +160°C, the thermal
sensor signals the shutdown logic, turning off the pass
transistor and allowing the IC to cool. The thermal sen-
sor turns the pass transistor on again after the IC’s
junction temperature cools by 15°C, resulting in a
pulsed output during continuous thermal-overload con-
ditions.
Thermal-overload protection is designed to protect the
MAX8880/MAX8881 in the event of fault conditions. For
continuous operation, do not exceed the absolute maxi-
mum junction temperature rating of TJ(MAX) = +150°C.
Operating Region and Power Dissipation
The MAX8880/MAX8881’s maximum power dissipation
depends on the thermal resistance of the case and cir-
cuit board, the temperature difference between the die
junction and ambient air, and the rate of airflow. The
power dissipation in the device is P = IOUT (VIN -
VOUT). The maximum power dissipation allowed is:
IN
OUT
FB
GND
C2
4.7
μF
C1
1
μF
SHDN
2.5V TO 12V
UP TO 200mA
R3
R4
REGULATION OK
POK
MAX8880
VIN
VOUT
1.25V TO 5.5V
Figure 3. Adjustable Output Using External Feedback Resistors
SHUTDOWN
LOGIC
ERROR
AMP
1.25V
REF
91%
REF
P
OUT
POK
GND
IN
SHDN
MAX8881
THERMAL
SENSOR
REVERSE
BATTERY
PROTECTION
MOS DRIVER
WITH ILIMIT
POK
FB
Figure 2. Functional Diagram


Similar Part No. - MAX8880_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880ETT-T MAXIM-MAX8880ETT-T Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
MAX8880EUT MAXIM-MAX8880EUT Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
MAX8880EUT-T MAXIM-MAX8880EUT-T Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880EUT-T MAXIM-MAX8880EUT-T Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
More results

Similar Description - MAX8880_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880EUT MAXIM-MAX8880EUT Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
logo
ams AG
AS1361 AMSCO-AS1361_1 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Linear Technology
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
ams AG
AS1361 AMSCO-AS1361 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Linear Technology
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV8664 ONSEMI-NCV8664_07 Datasheet
152Kb / 13P
   Ultra?묹ow Iq Low Dropout Linear Regulator
March, 2007 ??Rev. 7
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com