Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7393ALT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7393ALT
Description  Precision Silicon Oscillators with Enable or Autoenable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7393ALT Datasheet(HTML) 9 Page - Maxim Integrated Products

  MAX7393ALT Datasheet HTML 1Page - Maxim Integrated Products MAX7393ALT Datasheet HTML 2Page - Maxim Integrated Products MAX7393ALT Datasheet HTML 3Page - Maxim Integrated Products MAX7393ALT Datasheet HTML 4Page - Maxim Integrated Products MAX7393ALT Datasheet HTML 5Page - Maxim Integrated Products MAX7393ALT Datasheet HTML 6Page - Maxim Integrated Products MAX7393ALT Datasheet HTML 7Page - Maxim Integrated Products MAX7393ALT Datasheet HTML 8Page - Maxim Integrated Products MAX7393ALT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Precision Silicon Oscillators with
Enable or Autoenable
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 9
© 2006 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
EVEN TERMINAL
L
C
ODD TERMINAL
L
C
L
e
L
A
e
E
D
PIN 1
INDEX AREA
b
e
A
b
N
SOLDER
MASK
COVERAGE
A
A
1
PIN 1
0.10x45∞
L
L1
(N/2 -1) x e)
XXXX
XXXX
XXXX
SAMPLE
MARKING
A1
A2
7
A
1
2
21-0164
PACKAGE OUTLINE,
6, 8, 10L uDFN, 2x2x0.80 mm
-DRAWING NOT TO SCALE-
COMMON DIMENSIONS
SYMBOL
MIN.
NOM.
A
0.70
0.75
A1
D
1.95
2.00
E
1.95
2.00
L
0.30
0.40
PKG. CODE
N
e
b
PACKAGE VARIATIONS
L1
6
L622-1
0.65 BSC
0.30±0.05
0.25±0.05
0.50 BSC
8
L822-1
0.20±0.03
0.40 BSC
10
L1022-1
2.05
0.80
MAX.
0.50
2.05
0.10 REF.
(N/2 -1) x e
1.60 REF.
1.50 REF.
1.30 REF.
A2
-
-DRAWING NOT TO SCALE-
A
2
2
21-0164
PACKAGE OUTLINE,
6, 8, 10L uDFN, 2x2x0.80 mm
0.15
0.20
0.25
0.020
0.025
0.035
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
Springer


Similar Part No. - MAX7393ALT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7393ALT__++ MAXIM-MAX7393ALT__+ Datasheet
488Kb / 9P
   Precision Silicon Oscillators with Enable or Autoenable
20214
More results

Similar Description - MAX7393ALT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7393 MAXIM-MAX7393_V01 Datasheet
488Kb / 9P
   Precision Silicon Oscillators with Enable or Autoenable
20214
logo
Fox Electronics
H5C-2E3 FOX-H5C-2E3 Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
F5C-2E3 FOX-F5C-2E3 Datasheet
169Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
logo
Vishay Siliconix
XO-523 VISHAY-XO-523 Datasheet
96Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 01-Jun-06
XO-523 VISHAY-XO-523_07 Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XO-52 VISHAY-XO-52_07 Datasheet
95Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XO-52 VISHAY-XO-52 Datasheet
89Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 01-Jun-06
logo
List of Unclassifed Man...
LQV-3M2768-3CGR ETC1-LQV-3M2768-3CGR Datasheet
739Kb / 3P
   PRECISION CRYSTAL CLOCK OSCILLATORS
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Nel Frequency Controls,...
B6-X142X NEL-B6-X142X Datasheet
108Kb / 3P
   of quartz crystal oscillators provide enable/disable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com