Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8880ETT-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8880ETT-T
Description  12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8880ETT-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8880ETT-T Datasheet HTML 1Page - Maxim Integrated Products MAX8880ETT-T Datasheet HTML 2Page - Maxim Integrated Products MAX8880ETT-T Datasheet HTML 3Page - Maxim Integrated Products MAX8880ETT-T Datasheet HTML 4Page - Maxim Integrated Products MAX8880ETT-T Datasheet HTML 5Page - Maxim Integrated Products MAX8880ETT-T Datasheet HTML 6Page - Maxim Integrated Products MAX8880ETT-T Datasheet HTML 7Page - Maxim Integrated Products MAX8880ETT-T Datasheet HTML 8Page - Maxim Integrated Products MAX8880ETT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
12V, Ultra-Low-IQ, Low-Dropout
Linear Regulators with POK
_______________________________________________________________________________________
3
0
1.0
0.5
2.5
2.0
1.5
4.0
3.5
3.0
4.5
04
26
8
10
12
SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
IOUT = 30 mA
NO LOAD
0
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
10
-15
35
60
85
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VOUT = 1.8V
0
150
100
50
200
250
300
350
400
450
500
0
50
100
150
200
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
TA = +85
°C
TA = +25
°C
TA = -40
°C
0
70
60
50
40
30
20
10
0.1
10
1
100
1k
10k
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10
100
10k
1k
100k
FREQUENCY (Hz)
10
1
0.01
0.10
OUTPUT NOISE SPECTRAL DENSITY
vs. FREQUENCY
0
50
100
150
200
250
300
350
400
0
20406080
100
OUTPUT NOISE
vs. LOAD CURRENT
LOAD CURRENT (mA)
VOUT = 1.8V
COUT = 1.0
μF
COUT = 4.7
μF
Typical Operating Characteristics
(VIN = 5V, VOUT = 3.3V, IOUT = 30mA, COUT = 4.7µF, TA = +25°C, unless otherwise noted. See Figure 1.)
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: Output accuracy with respect to nominal preset voltages. FB = OUT.
Note 3: This specification is valid for VIN > 3V.
Note 4: The dropout voltage is defined as VIN - VOUT , when VOUT is 100mV below the value of VOUT for VIN = VOUT + 1V.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VOUT + 1V, SHDN = IN, COUT = 4.7µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Thermal Shutdown Threshold
TTSD
(Hysteresis = 15
°C)
160
°C
OUT Noise
VOUT(NOISE) f = 10Hz to 100kHz, IOUT = 1mA
300
μVRMS


Similar Part No. - MAX8880ETT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880ETT-T MAXIM-MAX8880ETT-T Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
More results

Similar Description - MAX8880ETT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880EUT MAXIM-MAX8880EUT Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
logo
ams AG
AS1361 AMSCO-AS1361_1 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Linear Technology
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
ams AG
AS1361 AMSCO-AS1361 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Linear Technology
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV8664 ONSEMI-NCV8664_07 Datasheet
152Kb / 13P
   Ultra?묹ow Iq Low Dropout Linear Regulator
March, 2007 ??Rev. 7
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com