Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6381LT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6381LT
Description  SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6381LT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6381LT Datasheet HTML 1Page - Maxim Integrated Products MAX6381LT Datasheet HTML 2Page - Maxim Integrated Products MAX6381LT Datasheet HTML 3Page - Maxim Integrated Products MAX6381LT Datasheet HTML 4Page - Maxim Integrated Products MAX6381LT Datasheet HTML 5Page - Maxim Integrated Products MAX6381LT Datasheet HTML 6Page - Maxim Integrated Products MAX6381LT Datasheet HTML 7Page - Maxim Integrated Products MAX6381LT Datasheet HTML 8Page - Maxim Integrated Products MAX6381LT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC70/µDFN, Single/Dual Low-Voltage,
Low-Power µP Reset Circuits
_______________________________________________________________________________________
5
Pin Description
PIN
3-PIN SC70
4-PIN SC70
µDFN
MAX6381/
MAX6383
MAX6382
MAX6384/
MAX6386/
MAX6390
MAX6385
MAX6387/
MAX689
MAX6388
NAME
FUNCTION
1
(MAX6382/
MAX6385/
MAX6388)
2
2
2
RESET
Active-High Push-Pull Reset Output.
RESET changes from low to high when
any monitored voltage (VCC or
VRESETIN) drops below the reset
threshold or MR is pulled low. RESET
remains high for the reset timeout
period after monitored voltages exceed
the reset thresholds or MR is released.
1
(MAX6381/
MAX6383/
MAX6384/
MAX6386/
MAX6387/
MAX6390)
2—
2
2
RESET
Active-Low Open-Drain/Push-Pull Reset
Output. RESET changes from high to low
when any monitored voltage (VCC or
VRESETIN) drops below the reset threshold
or MR is pulled low. RESET remains low for
the reset timeout period after the monitored
voltages exceed the reset thresholds or MR
is released. Open-drain requires an
external pullup resistor.
2, 3, 5
(MAX6381/
MAX6382/
MAX6383)
2, 5
(MAX6384–
MAX6390)
N.C.
No Connection. Not Internally
connected.
3
(MAX6384/
MAX6385/
MAX6386/
MAX6390)
——
3
3
MR
Active-Low Manual Reset Input. Drive
low to force a reset. Reset remains
active as long as MR is low and for the
reset timeout period after MR is
released. Leave unconnected or
connect to VCC if unused. MR has an
internal 63k
Ω (1.56kΩ for MAX6390)
pullup resistor to VCC.
3
(MAX6387/
MAX6388/
MAX6389)
——
3
3
RESET
IN
Auxiliary Reset Input. High-impedance
input to the auxiliary reset comparator.
Connect RESET IN to the center point of
an external resistor voltage-divider
network to set the reset threshold voltage.
Reset asserts when either VCC or RESET
IN falls below its threshold voltage.
4
(MAX6381–
MAX6390)
33
4
4
44
VCC
Supply Voltage for the device and input
for fixed VCC reset threshold monitor.
6
(MAX6381–
MAX6390)
1
1
1
1
1
1
GND
Ground


Similar Part No. - MAX6381LT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381LT__D_+T MAXIM-MAX6381LT__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results

Similar Description - MAX6381LT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6381_V5 MAXIM-MAX6381_V5 Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com