Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5056BASA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5056BASA+
Description  4A, 20ns, Dual MOSFET Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5056BASA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5056BASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5056BASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5056BASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5056BASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5056BASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5056BASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5056BASA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5056BASA+ Datasheet HTML 11Page - Maxim Integrated Products MAX5056BASA+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
4A, 20ns, Dual MOSFET Drivers
8
_______________________________________________________________________________________
Pin Descriptions
PIN
NAME
FUNCTION
1
INA-
Inverting Logic-Input Terminal for Driver A. Connect to GND when not used.
2
INB-
Inverting Logic-Input Terminal for Driver B. Connect to GND when not used.
3
GND
Ground
4
OUTB
Driver B Output. Sources or sinks current for channel B to turn the external MOSFET on or off.
5VDD
Power Supply. Bypass to GND with one or more 0.1µF ceramic capacitors.
6
OUTA
Driver A Output. Sources or sinks current for channel A to turn the external MOSFET on or off.
7
INB+
Noninverting Logic-Input Terminal for Driver B. Connect to VDD when not used.
8
INA+
Noninverting Logic-Input Terminal for Driver A. Connect to VDD when not used.
—EP
Exposed Pad. Internally connected to GND. Do not use the exposed pad as the only electrical
ground connection.
PIN
MAX5055
MAX5056
MAX5057
NAME
FUNCTION
1, 8
1, 8
1, 8
N.C.
No Connection. Not internally connected.
2
2
INA-
Inverting Logic-Input Terminal for Driver A. Connect to GND if not used.
3
3
3
GND
Ground
4
INB-
Inverting Logic-Input Terminal for Driver B. Connect to GND if not used.
5
5
5
OUTB
Driver B Output. Sources or sinks current for channel B to turn the external
MOSFET on or off.
66
6
VDD
Power Supply. Bypass to GND with one or more 0.1µF ceramic capacitors.
7
7
7
OUTA
Driver A Output. Sources or sinks current for channel A to turn the external
MOSFET on or off.
4
4
INB+
Noninverting Logic-Input Terminal for Driver B. Connect to VDD if not used.
2
INA+
Noninverting Logic-Input Terminal for Driver A. Connect to VDD if not used.
——
EP
Exposed Pad. Internally connected to GND. Do not use the exposed pad as
the only electrical ground connection.
MAX5054
MAX5055/MAX5056/MAX5057


Similar Part No. - MAX5056BASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5056BASA++ MAXIM-MAX5056BASA+ Datasheet
429Kb / 17P
   4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
MAX5056BASA++ MAXIM-MAX5056BASA+ Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
More results

Similar Description - MAX5056BASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054 Datasheet
429Kb / 17P
   4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
MAX5078 MAXIM-MAX5078 Datasheet
715Kb / 12P
   4A, 20ns, MOSFET Driver
Rev 1; 9/05
MAX5078 MAXIM-MAX5078_12 Datasheet
271Kb / 13P
   4A, 20ns, MOSFET Driver
Rev 2; 9/12
MAX5054 MAXIM-MAX5054_11 Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
logo
List of Unclassifed Man...
UDN-2975W ETC1-UDN-2975W Datasheet
167Kb / 3P
   DUAL 4A SOLENOID DRIVERS
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com