Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16062_TG+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16062_TG+
Description  1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16062_TG+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16062_TG+ Datasheet HTML 4Page - Maxim Integrated Products MAX16062_TG+ Datasheet HTML 5Page - Maxim Integrated Products MAX16062_TG+ Datasheet HTML 6Page - Maxim Integrated Products MAX16062_TG+ Datasheet HTML 7Page - Maxim Integrated Products MAX16062_TG+ Datasheet HTML 8Page - Maxim Integrated Products MAX16062_TG+ Datasheet HTML 9Page - Maxim Integrated Products MAX16062_TG+ Datasheet HTML 10Page - Maxim Integrated Products MAX16062_TG+ Datasheet HTML 11Page - Maxim Integrated Products MAX16062_TG+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
1% Accurate, Quad-/Hex-/Octal-Voltage
µP Supervisors
8
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
Pin Description (MAX16061)
PIN
NAME
FUNCTION
1
IN4
Monitored Input Voltage 4. See Table 1 for the input voltage threshold.
2
IN5
Monitored Input Voltage 5. See Table 1 for the input voltage threshold.
3
IN6
Monitored Input Voltage 6. See Table 1 for the input voltage threshold.
4
WDI
Watchdog Timer Input. If WDI remains low or high for longer than the watchdog timeout period, RESET is
asserted and the timer is cleared. The timer also clears whenever a reset is asserted or a rising or falling
edge on WDI is detected. The watchdog timer enters a startup period that allows 54s for the first transition to
occur before a reset. Leave WDI unconnected to disable the watchdog timer.
The WDI unconnected-state detector uses a small 400nA current. Therefore, do not connect WDI to anything
that will source or sink more than 200nA. Note that the leakage current specification for most three-state
drivers exceeds 200nA.
5
GND
Ground
6VCC
Unmonitored Power-Supply Input
7
OUT4
Output 4. When the voltage at IN4 falls below its threshold, OUT4 goes low and stays low until the voltage at
IN4 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
8
OUT5
Output 5. When the voltage at IN5 falls below its threshold, OUT5 goes low and stays low until the voltage at
IN5 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
9
OUT6
Output 6. When the voltage at IN6 falls below its threshold, OUT6 goes low and stays low until the voltage at
IN6 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
10
MR
Active-Low Manual Reset Input. Pull MR low to assert RESET low. RESET remains low for the reset timeout
period after MR is deasserted. MR is pulled up to VCC through a 20k
Ω resistor.
11
SRT
Set Reset Timeout Input. Connect a capacitor from SRT to GND to set the reset timeout period. The reset
timeout period can be calculated as follows:
Reset Timeout (s) = 2.06 x 106 (
Ω) x CSRT (F). For the internal timeout period of 140ms (min), connect SRT to
VCC.
12
MARGIN
Manual Deassert Input. Pull MARGIN low to deassert all outputs (go into high state), regardless of the voltage
at any monitored input.
13
OUT3
Output 3. When the voltage at IN3 falls below its threshold, OUT3 goes low and stays low until the voltage at
IN3 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
14
OUT2
Output 2. When the voltage at IN2 falls below its threshold, OUT2 goes low and stays low until the voltage at
IN2 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
15
OUT1
Output 1. When the voltage at IN1 falls below its threshold, OUT1 goes low and stays low until the voltage at
IN1 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
16
RESET
Active-Low Reset Output. RESET asserts low when any of the monitored voltages falls below its respective
threshold or MR is asserted. RESET remains asserted for the reset timeout period after all monitored voltages
exceed their respective thresholds and MR is deasserted. This open-drain output has a 30µA internal pullup.
17
IN1
Monitored Input Voltage 1. See Table 1 for the input voltage threshold.
18
IN2
Monitored Input Voltage 2. See Table 1 for the input voltage threshold.
19
IN3
Monitored Input Voltage 3. See Table 1 for the input voltage threshold.
20
TOL
Threshold Tolerance Input. Connect TOL to GND to select 5% threshold tolerance. Connect TOL to VCC to
select 10% threshold tolerance.
—EP
Exposed Pad. EP is internally connected to GND. Connect EP to the ground plane to provide a low thermal
resistance path from the IC junction to the PCB. Do not use as the electrical connection to GND.


Similar Part No. - MAX16062_TG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16063 MAXIM-MAX16063 Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
MAX16063TG++ MAXIM-MAX16063TG+ Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
MAX16064 MAXIM-MAX16064 Datasheet
1Mb / 52P
   ±0.3% Accurate, Quad, Power-Supply Controller with Active-Voltage Output Control and PMBus Interface
Rev 0; 7/09
More results

Similar Description - MAX16062_TG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
MAX16000 MAXIM-MAX16000 Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX16063 MAXIM-MAX16063 Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
logo
Analog Devices
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com