Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6715A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6715A
Description  Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6715A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6715A Datasheet HTML 1Page - Maxim Integrated Products MAX6715A Datasheet HTML 2Page - Maxim Integrated Products MAX6715A Datasheet HTML 3Page - Maxim Integrated Products MAX6715A Datasheet HTML 4Page - Maxim Integrated Products MAX6715A Datasheet HTML 5Page - Maxim Integrated Products MAX6715A Datasheet HTML 6Page - Maxim Integrated Products MAX6715A Datasheet HTML 7Page - Maxim Integrated Products MAX6715A Datasheet HTML 8Page - Maxim Integrated Products MAX6715A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Dual/Triple, Ultra-Low-Voltage, SOT23 µP
Supervisory Circuits
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC1 = 0.8V to 5.5V, VCC2 = 0.8V to 5.5V, GND = 0V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA =
+25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Reset Threshold Tempco
∆VTH/°C
20
ppm/°C
Reset Threshold Hysteresis
VHYST
Referenced to VTH typical
0.5
%
VCC to Reset Output Delay
tRD
VCC1 = (VTH1+ 100mV) to (VTH1 - 100mV) or
VCC2 = (VTH2 + 75mV) to (VTH2 - 75mV)
20
µs
D1
1.1
1.65
2.2
D2
8.8
13.2
17.6
D7 (MAX6797A only)
17.5
26.25
35
D8 (MAX6797A only)
35
52.5
70
D3
140
210
280
D5
280
420
560
D6
560
840
1120
Reset Timeout Period
tRP
D4
1120
1680
2240
ms
ADJUSTABLE RESET COMPARATOR INPUT (MAX6719A/MAX6720A/MAX6723A–MAX6727A)
RSTIN Input Threshold
VRSTIN
611
626.5
642
mV
RSTIN Input Current
IRSTIN
-100
+100
nA
RSTIN Hysteresis
3mV
RSTIN to Reset Output Delay
tRSTIND
VRSTIN to (VRSTIN - 30mV)
22
µs
POWER-FAIL INPUT (MAX6728A/MAX6729A)
PFI Input Threshold
VPFI
611
626.5
642
mV
PFI Input Current
IPFI
-100
+100
nA
PFI Hysteresis
VPFH
3mV
PFI to PFO Delay
tDPF
(VPFI + 30mV) to (VPFI - 30mV)
2
µs
MANUAL-RESET INPUT (MAX6715A–MAX6722A/MAX6725A–MAX6729A)
VIL
0.3
VCC1
MR Input Voltage
VIH
0.7
VCC1
V
MR Minimum Pulse Width
1µs
MR Glitch Rejection
100
ns
MR to Reset Delay
tMR
200
ns
MR Pullup Resistance
25
50
80
k
WATCHDOG INPUT (MAX6721A–MAX6729A)
First watchdog period after reset timeout
period
35
54
72
Watchdog Timeout Period
tWD
Normal mode
1.12
1.68
2.24
s
WDI Pulse Width
tWDI
(Note 2)
50
ns
VIL
0.3
VCC1
WDI Input Voltage
VIH
0.7
VCC1
V
WDI Input Current
IWDI
WDI = 0V or VCC1-1
+1
µA


Similar Part No. - MAX6715A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6715 MAXIM-MAX6715 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6715 MAXIM-MAX6715 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6715UT MAXIM-MAX6715UT Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6715UT MAXIM-MAX6715UT Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
More results

Similar Description - MAX6715A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6717UKSVD3-T MAXIM-MAX6717UKSVD3-T Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com