Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6715AUT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6715AUT
Description  Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6715AUT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6715AUT Datasheet HTML 1Page - Maxim Integrated Products MAX6715AUT Datasheet HTML 2Page - Maxim Integrated Products MAX6715AUT Datasheet HTML 3Page - Maxim Integrated Products MAX6715AUT Datasheet HTML 4Page - Maxim Integrated Products MAX6715AUT Datasheet HTML 5Page - Maxim Integrated Products MAX6715AUT Datasheet HTML 6Page - Maxim Integrated Products MAX6715AUT Datasheet HTML 7Page - Maxim Integrated Products MAX6715AUT Datasheet HTML 8Page - Maxim Integrated Products MAX6715AUT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX6715A–MAX6729A/MAX6797A are ultra-low-volt-
age microprocessor (µP) supervisory circuits designed to
monitor two or three system power-supply voltages. These
devices assert a system reset if any monitored supply falls
below its factory-trimmed or adjustable threshold and main-
tain reset for a minimum timeout period after all supplies rise
above their thresholds. The integrated dual/triple supervisory
circuits significantly improve system reliability and reduce
size compared to separate ICs or discrete components.
These devices monitor primary supply voltages (VCC1)
from 1.8V to 5.0V and secondary supply voltages (VCC2)
from 0.9V to 3.3V with factory-trimmed reset threshold
voltage options (see the
Reset Voltage Threshold Suffix
Guide). An externally adjustable RSTIN input option
allows customers to monitor a third supply voltage down
to 0.62V. These devices are guaranteed to be in the cor-
rect reset output logic state when either VCC1 or VCC2
remains greater than 0.8V.
A variety of push-pull or open-drain reset outputs along
with watchdog input, manual-reset input, and power-fail
input/output features are available (see the
Selector
Guide). Select reset timeout periods from 1.1ms to
1120ms (min) (see the
Reset Timeout Period Suffix
Guide). The MAX6715A–MAX6729A/MAX6797A are avail-
able in small 5-, 6-, and 8-pin SOT23 packages and oper-
ate over the -40°C to +125°C temperature range.
Applications
Features
o VCC1 (Primary Supply) Reset Threshold Voltages
from 1.58V to 4.63V
o VCC2 (Secondary Supply) Reset Threshold
Voltages from 0.79V to 3.08V
o Externally Adjustable RSTIN Threshold for
Auxiliary/Triple-Voltage Monitoring
(0.62V Internal Reference)
o Watchdog Timer Option
35s (min) Long Startup Period
1.12s (min) Normal Timeout Period
o Manual-Reset Input Option
o Power-Fail Input/Power-Fail Output Option
(Push-Pull and Open-Drain Active-Low)
o Guaranteed Reset Valid Down to VCC1 or
VCC2 = 0.8V
o Reset Output Logic Options
o Immune to Short VCC Transients
o Low Supply Current 14µA (typ) at 3.6V
o Watchdog Disable Feature
o Small 5-, 6-, and 8-Pin SOT23 Packages
Dual/Triple, Ultra-Low-Voltage, SOT23 µP
Supervisory Circuits
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
IN
OUT2
OUT1
DC-DC
CONVERTER
UNREGULATED
DC
R1
R2
VCC1VCC2
RSTIN/PFI
MR
RST
WDI
PFO
MAX67_ _
PUSHBUTTON
SWITCH
I/O
SUPPLY
CORE
SUPPLY
RESET
I/O
NMI
µP
1.8V
0.9V
MAX6715A-
MAX6729A/
MAX6797A
Typical Operating Circuit
19-0536; Rev 3; 9/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations and Selector Guide appear at end of
data sheet.
PART
TEMP RANGE
PIN-
PACKAGE
MAX6715AUT_ _D_+T
-40°C to +125°C
6 SOT23
MAX6716AUT_ _D_+T
-40°C to +125°C
6 SOT23
MAX6717AUK_ _D_+T
-40°C to +125°C
5 SOT23
MAX6718AUK_ _D_+T
-40°C to +125°C
5 SOT23
MAX6719AUT_ _D_+T
-40°C to +125°C
6 SOT23
MAX6720AUT_ _D_+T
-40°C to +125°C
6 SOT23
Note: The first “_ _” are placeholders for the threshold voltage
levels of the devices. Desired threshold levels are set by the part
number suffix found in the Reset Voltage Threshold Suffix Guide.
The “_” after the D is a placeholder for the reset timeout delay
time. Desired delay time is set using the timeout period suffix
found in the Reset Timeout Period Suffix Guide. For example, the
MAX6716AUTLTD3-T is a dual-voltage supervisor VTH1 =
4.625V, VTH2 = 3.075V, and 210ms (typ) timeout period.
Ordering Information continued at end of data sheet.
+
Denotes a lead-free/RoHS-compliant package.
T = Tape and reel.
Multivoltage Systems
Telecom/Networking
Equipment
Computers/Servers
Portable/Battery-
Operated Equipment
Industrial Equipment
Printers/Fax Machines
Set-Top Boxes


Similar Part No. - MAX6715AUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6715 MAXIM-MAX6715 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6715 MAXIM-MAX6715 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6715UT MAXIM-MAX6715UT Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6715UT MAXIM-MAX6715UT Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
More results

Similar Description - MAX6715AUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6717UKSVD3-T MAXIM-MAX6717UKSVD3-T Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com