Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX804_CPA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX804_CPA
Description  3.0V/3.3V Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX804_CPA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX804_CPA Datasheet HTML 3Page - Maxim Integrated Products MAX804_CPA Datasheet HTML 4Page - Maxim Integrated Products MAX804_CPA Datasheet HTML 5Page - Maxim Integrated Products MAX804_CPA Datasheet HTML 6Page - Maxim Integrated Products MAX804_CPA Datasheet HTML 7Page - Maxim Integrated Products MAX804_CPA Datasheet HTML 8Page - Maxim Integrated Products MAX804_CPA Datasheet HTML 9Page - Maxim Integrated Products MAX804_CPA Datasheet HTML 10Page - Maxim Integrated Products MAX804_CPA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Watchdog Input
(MAX690_/802_/804_/805_)
The watchdog circuit monitors the µP’s activity. If the µP
does not toggle the watchdog input (WDI) within 1.6sec,
a reset pulse is triggered. The internal 1.6sec timer is
cleared by either a reset pulse or by a transition (low-to-
high or high-to-low) at WDI. If WDI is tied high or low, a
R
E
S
E
T
pulse is triggered every 1.8sec (tWD plus tRS).
As long as reset is asserted, the timer remains cleared
and does not count. As soon as reset is deasserted,
the timer starts counting. Unlike the 5V MAX690 family,
the watchdog function cannot be disabled.
Power-Fail Comparator
The PFI input is compared to an internal reference. If
PFI is less than VPFT,
P
F
O
goes low. The power-fail
comparator is intended for use as an undervoltage
detector to signal a failing power supply. However, the
comparator does not need to be dedicated to this
function because it is completely separate from the rest
of the circuitry.
The power-fail comparator turns off and
P
F
O
goes low
when VCC falls below VSW on power-down. The power-
fail comparator turns on as VCC crosses VSW on
power-up. If the comparator is not used, connect PFI to
ground and leave
P
F
O
unconnected.
P
F
O
may be
connected to
M
R
on the MAX704_/MAX806_ so that a
low voltage on PFI will generate a reset (Figure 5b).
3.0V/3.3V Microprocessor Supervisory Circuits
_______________________________________________________________________________________
7
V
BATT
RESET
(RESET)
WDI
VCC
MR
BATTERY
SWITCHOVER
COMPARATOR
RESET
COMPARATOR
RESET
GENERATOR
WATCHDOG
TIMER
BATTERY
SWITCHOVER
CIRCUITRY
MAX690T/S/R
MAX704T/S/R
MAX802T/S/R
MAX804T/S/R
MAX805T/S/R
MAX806T/S/R
PFO
VOUT
PFI
VPFT
1.237V
1.237V
**
*
*
POWER-FAIL
COMPARATOR
* MAX690T/S/R, MAX802T/S/R, MAX804T/S/R, MAX805T/S/R ONLY
** MAX704T/S/R, MAX806T/S/R ONLY
( ) MAX804T/S/R, MAX805T/S/R ONLY
VBATT = 3.6V
3.0V OR 3.3V
VSW
tWP
RESET
PFO
VCC
( ) MAX804T/S/R, MAX805T/S/R ONLY, RESET EXTERNALLY PULLED UP TO VCC
VOUT
VSW
(RESET)
3.0V OR 3.3V
3.0V OR 3.3V
0V
VRST
V
BATT = PFI = 3.6V
IOUT = 0mA
Figure 1. Block Diagram
Figure 2. Timing Diagram


Similar Part No. - MAX804_CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX804RCPA MAXIM-MAX804RCPA Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX804SCPA MAXIM-MAX804SCPA Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX804TCPA MAXIM-MAX804TCPA Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX804_CPA MAXIM-MAX804_CPA Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
More results

Similar Description - MAX804_CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793 Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com