Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16063 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16063
Description  1% Accurate, Low-Voltage, Quad Window Voltage Detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16063 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16063 Datasheet HTML 3Page - Maxim Integrated Products MAX16063 Datasheet HTML 4Page - Maxim Integrated Products MAX16063 Datasheet HTML 5Page - Maxim Integrated Products MAX16063 Datasheet HTML 6Page - Maxim Integrated Products MAX16063 Datasheet HTML 7Page - Maxim Integrated Products MAX16063 Datasheet HTML 8Page - Maxim Integrated Products MAX16063 Datasheet HTML 9Page - Maxim Integrated Products MAX16063 Datasheet HTML 10Page - Maxim Integrated Products MAX16063 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
1% Accurate, Low-Voltage,
Quad Window Voltage Detector
_______________________________________________________________________________________
7
Pin Description (continued)
PIN
NAME
FUNCTION
15
OVOUT2
Active-Low Overvoltage Output 2. When the voltage at OVIN2 rises above its threshold, OVOUT2 asserts
low and stays asserted until the voltage at OVIN2 falls below its threshold. The open-drain output has a
30µA internal pullup to VCC.
16
UVOUT2
Active-Low Undervoltage Output 2. When the voltage at UVIN2 falls below its threshold, UVOUT2 asserts
low and stays asserted until the voltage at UVIN2 exceeds its threshold. The open-drain output has a 30µA
internal pullup to VCC.
17
OVOUT1
Active-Low Overvoltage Output 1. When the voltage at OVIN1 rises above its threshold, OVOUT1 asserts
low and stays asserted until the voltage at OVIN1 falls below its threshold. The open-drain output has a
30µA internal pullup to VCC.
18
UVOUT1
Active-Low Undervoltage Output 1. When the voltage at UVIN1 falls below its threshold, UVOUT1 asserts
low and stays asserted until the voltage at UVIN1 exceeds its threshold. The open-drain output has a 30µA
internal pullup to VCC.
19
RESET
Active-Low Reset Output. RESET asserts low when the voltage on any of the UVIN_ inputs falls below their
respective thresholds, the voltage on any of the OVIN_ inputs goes above its respective threshold, or MR is
asserted. RESET remains asserted for at least the minimum reset timeout after all monitored UVIN_ inputs
exceed their respective thresholds, all OVIN_ inputs fall below their respective thresholds, and MR is
deasserted. This open-drain output has a 30µA internal pullup.
20
UVIN1
Undervoltage Threshold Input 1. When the voltage on UVIN1 falls below its threshold, UVOUT1 asserts low.
21
OVIN1
Overvoltage Threshold Input 1. When the voltage on OVIN1 rises above its threshold, OVOUT1 asserts low.
22
UVIN2
Undervoltage Threshold Input 2. When the voltages on UVIN2 falls below its threshold, UVOUT2 asserts
low.
23
OVIN2
Overvoltage Threshold Input 2. When the voltage on OVIN2 rises above its threshold, OVOUT2 asserts low.
—EP
Exposed Pad. EP is internally connected to GND. Connect EP to the ground plane to provide a low thermal
resistance path from the IC junction to the PCB. Do not use as the only electrical connection to GND.


Similar Part No. - MAX16063

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16063

ManufacturerPart #DatasheetDescription
logo
Rohm
BD48XXG-E ROHM-BD48XXG-E Datasheet
433Kb / 18P
   Highly accurate, low-current Voltage Detector IC series.
logo
Maxim Integrated Produc...
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
logo
List of Unclassifed Man...
V6170 ETC1-V6170 Datasheet
165Kb / 12P
   Accurate Voltage Window Surveillance and Software Monitoring
logo
Analog Devices
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184 AD-ADM1184 Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
logo
Torex Semiconductor
XC6120 TOREX-XC6120_1 Datasheet
264Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC61J TOREX-XC61J Datasheet
304Kb / 15P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120 TOREX-XC6120 Datasheet
257Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120 TOREX-XC6120_2 Datasheet
313Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com