Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6892ETJ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6892ETJ
Description  Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6892ETJ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6892ETJ Datasheet HTML 4Page - Maxim Integrated Products MAX6892ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX6892ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX6892ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX6892ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX6892ETJ Datasheet HTML 9Page - Maxim Integrated Products MAX6892ETJ Datasheet HTML 10Page - Maxim Integrated Products MAX6892ETJ Datasheet HTML 11Page - Maxim Integrated Products MAX6892ETJ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Pin-Selectable, Octal/Hex/Quad, Power-Supply
Sequencers/Supervisors
8
_______________________________________________________________________________________
Pin Description (continued)
PIN
MAX6892
MAX6893
MAX6894
NAME
FUNCTION
14
12
12
TH1
Threshold Selection Input 1. Logic input to select desired thresholds. Connect
TH1 to GND or DBP. See Table 2 for available thresholds. Input has no internal
pullup or pulldown.
15
13
13
TH2
Threshold Selection Input 2. Logic input to select desired thresholds. Connect
TH2 to GND or DBP. See Table 2 for available thresholds. Input has no internal
pullup or pulldown.
16
14
14
TH3
Threshold Selection Input 3. Logic input to select desired thresholds. Connect
TH3 to GND or DBP. See Table 2 for available thresholds. Input has no internal
pullup or pulldown.
17
15
15
TH4
Threshold Selection Input 4. Logic input to select desired thresholds. Connect
TH4 to GND or DBP. See Table 2 for available thresholds. Input has no internal
pullup or pulldown.
18
16
16
SWT
Watchdog Timeout Adjust Input. Connect SWT to VCC to select the default
watchdog timeout period. Connect an external capacitor between SWT and
GND to adjust the watchdog timeout period. The adjustable timeout period is
calculated by tWP = 4.348E6 x CSWT (tWP in seconds and CSWT in Farads).
Disable the watchdog timer by connecting SWT to GND.
19
17
17
SRT
Reset Timeout Adjust Input. Connect SRT to VCC to select the default reset
timeout period. Connect an external capacitor between SRT and GND to adjust
the reset timeout period. The adjustable timeout period is calculated by tRP =
4.348E6 x CSWT (tRP in seconds and CSRT in Farads).
20
18
18
ENABLE
Active-Low, PG_ Enable Input. Pull
ENABLE high to force all PG_ outputs low.
PG_ outputs remain asserted for their timeout period when
ENABLE is
driven/pulled low.
ENABLE is internally pulled down to GND through a 10µA
current sink.
21
19
19
VCC
Internal Supply Voltage. Bypass VCC to GND with a 1µF capacitor as close to
the device as possible. VCC supplies power to the internal circuitry. VCC is
internally powered from the highest of the monitored IN2–IN5 voltages. Do not
use VCC to supply power to external circuitry. To externally supply VCC, see the
Powering the MAX6892/MAX6893/MAX6894 section.
22
20
20
DBP
Digital Bypass Voltage. DBP supplies power to the output stages. Bypass DBP
to GND with a 1µF capacitor as close to the device as possible. Do not use
DBP to supply power to external circuitry.
23
IN8
Input Voltage 8. Select undervoltage threshold using TH0–TH4. See Table 2.
For improved noise immunity, bypass IN8 to GND with a 0.1µF capacitor as
close to the device as possible.
24
IN7
Input Voltage 7. Select undervoltage threshold using TH0–TH4. See Table 2.
For improved noise immunity, bypass IN7 to GND with a 0.1µF capacitor as
close to the device as possible.


Similar Part No. - MAX6892ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6892ETJ MAXIM-MAX6892ETJ Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
More results

Similar Description - MAX6892ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
logo
Renesas Technology Corp
ISL70321SEH RENESAS-ISL70321SEH Datasheet
1Mb / 26P
   Radiation Hardened Quad Power Supply Sequencers
Jul 30, 2021
logo
Maxim Integrated Produc...
MAX6877 MAXIM-MAX6877 Datasheet
307Kb / 24P
   Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com