Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX691AMJE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX691AMJE
Description  Microprocessor Supervisory Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX691AMJE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX691AMJE Datasheet HTML 1Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 2Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 3Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 4Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 5Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 6Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 7Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 8Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX691A/MAX693A/MAX800L/MAX800M micro-
processor (µP) supervisory circuits are pin-compatible
upgrades to the MAX691, MAX693, and MAX695. They
improve performance with 30µA supply current, 200ms
typ reset active delay on power-up, and 6ns chip-
enable propagation delay. Features include write pro-
tection of CMOS RAM or EEPROM, separate watchdog
outputs, backup-battery switchover, and a RESET out-
put that is valid with VCC down to 1V. The MAX691A/
MAX800L have a 4.65V typical reset-threshold voltage,
and the MAX693A/MAX800Ms’ reset threshold is 4.4V
typical. The MAX800L/MAX800M guarantee power-fail
accuracies to ±2%.
________________________Applications
Computers
Controllers
Intelligent Instruments
Automotive Systems
Critical µP Power Monitoring
____________________________Features
o 200ms Power-OK/Reset Timeout Period
o 1µA Standby Current, 30µA Operating Current
o On-Board Gating of Chip-Enable Signals,
10ns max Delay
o MaxCap® or SuperCap Compatible
o Guaranteed R
RE
ES
SE
ET
T Assertion to VCC = +1V
o Voltage Monitor for Power-Fail or Low-Battery
Warning
o Power-Fail Accuracy Guaranteed to ±2%
(MAX800L/M)
o Available in 16-Pin Narrow SO, Plastic
DIP, and TSSOP Packages
Microprocessor Supervisory Circuits
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RESET
RESET
WDO
CE IN
GND
VCC
VOUT
VBATT
TOP VIEW
MAX691A
MAX693A
MAX800L
MAX800M
CE OUT
WDI
PFO
PFI
OSC SEL
OSC IN
LOW LINE
BATT ON
DIP/SO/TSSOP
Pin Configuration
MAX691A
MAX693A
MAX800L
MAX800M
VOUT
VCC
BATT ON
CE OUT
CE IN
WDI
PFO
RESET
VBATT
PFI
GND
OSC IN
OSC SEL
1
9
4
7
8
ADDRESS
DECODE
AUDIBLE
ALARM
5V
REGULATOR
+8V
0.1
μF
CMOS RAM
2
12
11
10
15
13
5
3
A0-A15
I/O
NMI
RESET
μP
LOW LINE WDO
SYSTEM STATUS INDICATORS
NO
CONNECTION
0.47F*
1N4148
*MaxCap
614
Typical Operating Circuit
19-0094; Rev 11; 8/08
MaxCap is a registered trademark of Kanthal Globar, Inc.
Ordering Information continued on last page.
*
Dice are specified at TA = +25°C, DC parameters only.
Devices in PDIP, SO, and TSSOP packages are available in both
leaded and lead-free packaging. Specify lead free by adding
the + symbol at the end of the part number when ordering.
Lead free not available for CERDIP package.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
MAX691ACUE
-0°C to +70°C
16 TSSOP
MAX691ACSE
-0°C to +70°C
16 Narrow SO
MAX691ACWE
-0°C to +70°C
16 Wide SO
MAX691ACPE
-0°C to +70°C
16 Plastic DIP
MAX691AC/D
-0°C to +70°C
Dice*
MAX691AEUE
-0°C to +70°C
16 TSSOP
MAX691AESE
-40°C to +85°C
16 Narrow SO
MAX691AEWE
-40°C to +85°C
16 Wide SO
MAX691AEPE
-40°C to +85°C
16 Plastic DIP


Similar Part No. - MAX691AMJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX691AMJE MAXIM-MAX691AMJE Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
More results

Similar Description - MAX691AMJE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com